| Zakładka z wyszukiwarką danych komponentów |
|
DB929B Arkusz danych(PDF) 21 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
DB929B Arkusz danych(HTML) 21 Page - CML Microcircuits |
|
21 / 51 page ![]() 4-Level FSK Modem Data Pump Page 21 of 50 MX929B PRELIMINARY INFORMATION ©2001 MX-COM, INC. www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054 Doc. # 20480171.003 4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA All trademarks and service marks are held by their respective companies. 4.5.2.14 T24S: Transmit 24 Symbols This task, which is intended to facilitate the transmission of Symbol and Frame Sync patterns as well as special test sequences, takes 6 bytes of data from the Data Block Buffer and transmits them as 24 4-level symbols without any CRC, FEC, interleaving, or adding any 'S' symbols. Byte 0 of the Data Block Buffer is sent first, byte 5 last. Once the modem has read the data bytes from the Data Block Buffer, the BFREE and IRQ bits of the Status Register will be set to '1', indicating to the µC that it may write the data and command byte for the next task to the modem. The tables below show what data needs to be written to the Data Block Buffer to transmit the MX929B Symbol and Frame Sync sequences: 'Symbol Sync' Values written to Data Block Buffer Symbols Binary Hex +3 +3 -3 -3 Byte 0: 11110101 F5 +3 +3 -3 -3 Byte 1: 11110101 F5 +3 +3 -3 -3 Byte 2: 11110101 F5 +3 +3 -3 -3 Byte 3: 11110101 F5 +3 +3 -3 -3 Byte 4: 11110101 F5 -3 -3 +3 +3 Byte 5: 01011111 5F 'Frame Sync' Values written to Data Block Buffer Symbols Binary Hex -1 +1 -1 +1 Byte 0: 00100010 22 -1 +3 -3 +3 Byte 1: 00110111 37 -3 -1 +1 -3 Byte 2: 01001001 49 +3 +3 -1 +1 Byte 3: 11110010 F2 -3 -3 +1 +3 Byte 4: 01011011 5B -1 -3 +1 +3 Byte 5: 00011011 1B 4.5.2.15 THB: Transmit Header Block This task takes 10 bytes of data (Address and Control) from the Data Block Buffer, calculates and appends the 2-byte CRC1 checksum, translates the result to 4-level symbols (with FEC), interleaves the symbols, and transmits the result as a formatted 'Header' Block, inserting 'S' symbols at 22 symbol intervals. Once the modem has read the data bytes from the Data Block Buffer, the BFREE and IRQ bits of the Status Register will be set to '1'. 4.5.2.16 TIB: Transmit Intermediate Block This task takes 12 bytes of data from the Data Block Buffer, updates the 4-byte CRC2 checksum for inclusion in the 'Last' block, translates the 12 data bytes to 4-level symbols (with FEC), interleaves the symbols, and transmits the result as a formatted 'Intermediate' Block, inserting 'S' symbols at 22-symbol intervals. Once the modem has read the data bytes from the Data Block Buffer, the BFREE and IRQ bits of the Status Register will be set to '1'. 4.5.2.17 TLB: Transmit Last Block This task takes 8 bytes of data from the Data Block Buffer, updates and appends the 4-byte CRC2 checksum, translates the resulting 12 bytes to 4-level symbols (with FEC), interleaves the symbols, and transmits the result as a formatted 'Last' Block, inserting 'S' symbols at 22-symbol intervals. Once the modem has read the data bytes from the Data Block Buffer, the BFREE and IRQ bits of the Status Register will be set to '1'. 4.5.2.18 T4S: Transmit 4 Symbols This task is similar to T24S but takes only one byte from the Data Block Buffer, transmitting it as four 4-level symbols. |