Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SR12N3W6C Arkusz danych(PDF) 2 Page - HB Electronic Components

Numer części SR12N3W6C
Szczegółowy opis  High radiometric power per LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HB [HB Electronic Components]
Strona internetowa  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

SR12N3W6C Arkusz danych(HTML) 2 Page - HB Electronic Components

  SR12N3W6C Datasheet HTML 1Page - HB Electronic Components SR12N3W6C Datasheet HTML 2Page - HB Electronic Components SR12N3W6C Datasheet HTML 3Page - HB Electronic Components SR12N3W6C Datasheet HTML 4Page - HB Electronic Components SR12N3W6C Datasheet HTML 5Page - HB Electronic Components SR12N3W6C Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Part No.:
Typical Radiation Pattern
Absolute maximum ratings(Ta = 25℃)
Value
Parameter
Symbol
Test
Condition
Min.
Max.
Unit
DC Forward Current
IF
----
----
400
mA
Peak Pulse Current
Ipeak
Duty=1/10
1kHz
----
500
mA
Power Dissipation
Pd
----
----
4
W
LED Junction Temperature
Tj
----
----
105
Operating Temperature
Topr
----
-25
+85
Storage
Temperature
Tstr
----
-40
+100
ESD Sensitivity
----
HBM
8000
----
V
Soldering Temperature
----
----
220℃ for 5 Seconds max
Radiation Angle
DIRECTIVITY
0
90°
30°
60°
Ta=25°C
IF=350mA
0.5
1.0
0.5
90°
1.0
30°
60°
SPECIFICATION
Hebei I.T. (Shanghai) Co., Lt d.
SR12N3W6 C
Page 2 of 6
Rev:B/3
www.ledz.com



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com