| Zakładka z wyszukiwarką danych komponentów |
|
MC34018G-R28-R Arkusz danych(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MC34018G-R28-R Arkusz danych(HTML) 6 Page - Unisonic Technologies |
|
6 / 8 page ![]() MC34018 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 8 www.unisonic.com.tw QW-R108-006.E ELECTRICAL CHARACTERISTICS (Cont.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT RXO Voltage (Rx Mode) VRXO 1.8 2.3 3.2 mV Delta RXO Voltage (Switch from Rx to Tx Mode) VRXO 100 mV RXO Sink Current (Rx mode) IRXOL 75 μA RXO Source Current (Rx mode) IROXH 1.0 3.0 mA RXI Input Resistance RRXI 3.5 5.0 8.0 kΩ Volume Control Range VCR Rx Attenuator Gain, Rx Mode, 0.6VB<Pin 24<VB 24.5 32.5 dB ATTENUATORS TXO Voltage (Tx mode) VTXO 1.8 2.3 3.2 Vdc Delta TXO Voltage (switch from Tc to Rx Mode) VTXO 100 mV ACF Voltage (VCC-Pin 25 Voltage) VACF Rx Mode 150 mV Tx Mode 6.0 mV Idle Mode 75 mV Transmit Attenuator Gain(1.0kHz) GTX 4.0 6.0 8.0 dB Tx Mode, Pin 3 = 250mVrms GTX 40 44 48 dB Range, (Tx to Rx Mode) Idle Mode, Pin 3 = 250Mvrms GTXI -16.5 -13 -8.5 dB TXO Sink Current (Tx mode) ISINK 75 μA TXO Source Current (Tx mode) ISOURCE 1.0 3.0 mA TXO Input Resistance RIN 3.5 5.0 8.0 kΩ SPEAKER AMPLIFIER Speaker Amp Gain GSPK Pin 19 = 20mVrms 33 34 35 dB SKI Input Resistance RIN 15 22 37 kΩ SKO Voltage VO(SKO) Pin 19 =Cap couple to GND 2.4 3.0 3.6 Vdc SKO Voltage High VSKOH Pin 19 = 0.1V, -100mA Load at Pin 15 5.5 Vdc Low VSKOL Pin 19=0.1V +100mA Load at Pin 15 600 mV MICROPHONE AMPLIFIER Microphone Amp Gain GMCI Pin 9 = 10mVrms,1KHz 32.5 34 35 dB Microphone Amp Input Resistance RMCI 6.5 10 16 kΩ LOGAMPS Leakage Current RLO ILEAK Pin 8 = VB+1.0V 2.0 μA TLO Pin 6 = VB+1.0V 2.0 μA Transmit-Receive Switching Threshold ITH Ratio of ITLI to IRLI - at 20 A -to Switch Tx-Rx Comparator) 0.8 1.2 TRANSMIT DETECTOR XDC Voltage Idle Mode VXDC 0 Vdc Tx Mode 4.0 Vdc CP2 Current Source ICP2 5.0 10 13 μA Distortion Rx Mode, RXI to SKO RXD Pin 27 = 10mVrms,1KHz 1.5 % Tx Mode, MCI to TXO TXD Pin 9 = 5mVrms,1KHz 2.0 % Note 1: V+=7.5V, CS =0.7V except where noted. Note 2: Rx mode: Pin7=-100μA,Pin5=+100μA, except where noted. Tx mode: Pin 5,13=-100 A, pin 7=+100μA, Pin 11=0V. Idle mode: Pin 5=-100μA, pin 7, 13=+100μA. Note 3: Current into a pin designed as +, current out of a pin designed Note 4: Voltage referred to pin 22, TA=25C. |