| Zakładka z wyszukiwarką danych komponentów |
|
M35053 Arkusz danych(PDF) 18 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35053 Arkusz danych(HTML) 18 Page - Mitsubishi Electric Semiconductor |
|
18 / 47 page ![]() M35053-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS MITSUBISHI MICROCOMPUTERS 18 (5) Port output and BLNK1, CO1 output Fig. 7 Example of port control STOP1 DSPON CS pin at display clock operating 0 1 L at display clock stop 1 0 H STOP1,DSPON (Address F816) (6) Setting conditions for oscillating or stopping the display clock LEVEL0 LEVEL1 0 0 External synchronous 1 1 Operation state (Character display) Internal synchronous 1 0 LEVEL0 (address F616), LEVEL1 (address F816) Now-working condition (no characters are displayed) (7) Setting condition at LEVEL0,1 1 0 PTD0 (PTD1) Polarity switching BLNK1 (CO1) 1 0 PTC0 (PTC1) Select PTD0 (PTD1) Output PTD0, 1, PTC0, 1 (Address F016) |