| Zakładka z wyszukiwarką danych komponentów |
|
SMBJXXXXXL-SMB-R Arkusz danych(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
SMBJXXXXXL-SMB-R Arkusz danych(HTML) 2 Page - Unisonic Technologies |
|
2 / 4 page ![]() SMBJXXXXX TVS UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R229-001.B ABSOLUTE MAXIMUM RATING (TA=25°C unless otherwise noted) PARAMETER SYMBOL RATINGS UNIT Peak Power Dissipation with a 10/1000μs Waveform (Note 2) PPP 600 W Peak Pulse Current with a 10/1000μs Waveform (Note 2) IPP See ELECTRICAL CHARACTERISTICS Table A Power Dissipation On Infinite Heatsink at TL= 75°C PD 5.0 W Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Unidirectional Only (Note 3) IFSM 100 A Maximum Instantaneous Forward Voltage at 50 A for Unidirectional Only (Note 4) VF 3.5/5.0 V Operating Junction Temperature TJ -55~+150 °C Storage Temperature TSTG -55~+150 °C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Non-repetitive current pulse and derated above TA=25°C 3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum. 4. VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V. ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise noted) PART NUMBER (Uni) PART NUMBER (Bi) BREAKDOWN VOLTAGE VBR @ IT MAXIMUM REVERSE LEAKAGE IR @ VRWM (µA) WORKING PEAK REVERSE VOLTAGE VRWM (V) MAXIMUM REVERSE SURGE CURRENT IPP (A) MAXIMUM CLAMPING VOLTAGE VC @ IPP (V) MIN (V) MAX (V) IT (mA) SMBJ5A SMBJ5CA 6.40 7.00 10 800 5.0 65.22 9.2 SMBJ6A SMBJ6CA 6.67 7.37 10 800 6.0 58.25 10.3 SMBJ6V8A SMBJ6V8CA 6.46 7.14 10 1000 5.8 57.14 10.5 SMBJ12A SMBJ12CA 11.40 12.60 1 5 10.2 35.93 16.7 SMBJ20A SMBJ20CA 19.00 21.00 1 1 17.1 21.66 27.7 |