| Zakładka z wyszukiwarką danych komponentów |
|
ULA1145G-N20-R Arkusz danych(PDF) 8 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
ULA1145G-N20-R Arkusz danych(HTML) 8 Page - Unisonic Technologies |
|
8 / 10 page ![]() ULA1145 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 8 of 10 www.unisonic.com.tw QW-R106-006.a SD OUTPUT CIRCUIT(Cont.) (1) Current path during detuning C 12 9 12 9 C RAFC RAFC (2) Current return path from detuning 9 C RAFC 12 I=0 As can be seen from the above circuit diagrams, the time constant during detuning is determined by the internal PNP resistance, the NPN collector resistance and the capacitance of the externally-mounted capacitor. This time constant is determined by the external resistance RAFC and capacitor C. This time constant, τ = RAFC×C, must be set depending on the required search time. 3. Narrow-band SD output circuit An IF count circuit is provided for equipment compatibility for the European marketplace. However, if the band is made narrow using only the SD circuit, there is a tendency for the number of erroneous stops caused by an undesired signal to increase. To prevent this, two threshold voltages should be used to control the SD circuit. |