Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RWS2 Arkusz danych(PDF) 1 Page - Ohmite Mfg. Co.

Numer części RWS2
Szczegółowy opis  High overload capability for surge and pulse applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OHMITE [Ohmite Mfg. Co.]
Strona internetowa  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RWS2 Arkusz danych(HTML) 1 Page - Ohmite Mfg. Co.

  RWS2 Datasheet HTML 1Page - Ohmite Mfg. Co. RWS2 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
The information contained herein does not form part of
a contract and is subject to change without notice. Arcol
operate a policy of continual product development, therefore,
specifications may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask Arcol.
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +44 (0) 1872 277431
F +44 (0) 1872 222002
E sales@arcolresistors.com
www.arcolresistors.com
1 / 11.46
RWS Precision Power Wirewound
SMD Resistor
A compact and precision power resistor, manufactured to the highest
standards; reliable and robust but still achieving drift of less than 1%
and TCR of 10-90ppm/˚C when under rated conditions
• High overload capability for surge and pulse applications
• Low inductance available
• Custom specification available
• RoHS Compliant
Electrical Specifications
Type
Wattage Tolerance
Resistance Range
Resistance Range - Non-inductive
Min
Max
Min
Max
RWS05
0.5
D (0.5%)
F (1%)
J (5%)
R005
1K
R1
200R
RWS1
1
R005
5K8
R1
1K2
RWS2
2
R005
14K
R1
2K8
RWS3
3
R01
25K
R1
5K
RWS5
5
R05
50K
R1
10K
Characteristics
Tolerance (Code):
Operating temperature:
Temperature coefficient:
Max. working voltage:
Short time overload
Solderability
Resistance to solder heat
Dielectric withstanding voltage
Load life
± 0.5% (D),± 1% (F), ± 5% (J)
-55°C to +155°C
± 90ppm/°C R1 - R99, ± 50ppm/°C 1R - 10R, ± 20ppm/°C > 10R
(PxR) 1/2
5 times rated wattage for 5 seconds
±(0.5% + 0.05mΩ)∆R
Bath temperature 235±5˚C, immersion time 2±0.5 seconds JIS C 5201 4.17
>95% of contact face covered new solder
Bath temperature 260±5˚C, immersion time 10±1 seconds JIS C 5201 4.18
±(0.5% + 0.05mΩ)∆R
Test voltage >500V, duration 1 minute JIS C 5201 4.7
70˚C ±2˚C, rated DC working voltage applied 1.5 hours on and 0.5 hours off, 1000 hours, ±(2.0% +
0.05mΩ)∆R
www.arcolresistors.com
For more information and ordering, please consult


Podobny numer części - RWS2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ohmite Mfg. Co.
RWS2 OHMITE-RWS2 Datasheet
307Kb / 2P
Low inductance available
logo
DENSEI-LAMBDA
RWS200A-12 LAMBDA-RWS200A-12 Datasheet
309Kb / 4P
Single output 15W ~ 450W
RWS200A-15 LAMBDA-RWS200A-15 Datasheet
309Kb / 4P
Single output 15W ~ 450W
RWS200A-24 LAMBDA-RWS200A-24 Datasheet
309Kb / 4P
Single output 15W ~ 450W
RWS200A-3 LAMBDA-RWS200A-3 Datasheet
309Kb / 4P
Single output 15W ~ 450W
More results

Podobny opis - RWS2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GeneSiC Semiconductor, ...
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
High Surge Capability
logo
Kersemi Electronic Co.,...
MUR3005WT KERSEMI-MUR3005WT Datasheet
1Mb / 3P
High Surge Capability
logo
TT Electronics.
SQP TTELEC-SQP Datasheet
330Kb / 3P
High overload capability
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com