Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U74HC564L-P20-R Arkusz danych(PDF) 1 Page - Unisonic Technologies

Numer części U74HC564L-P20-R
Szczegółowy opis  OCTAL D-TYPE EDGE-TRIGGERRD FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC564L-P20-R Arkusz danych(HTML) 1 Page - Unisonic Technologies

  U74HC564L-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HC564L-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HC564L-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HC564L-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HC564L-P20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC564
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-644.A
OCTAL D-TYPE
EDGE-TRIGGERRD FLIP-FLOPS
WITH 3-STATE OUTPUTS
DESCRIPTION
The UTC 74HC564 are octal D-type flip-flops featuring separated
D-type inputs for each flip-flop and inverting 3-state outputs for
bus-oriented applications.
FEATURES
* Operation Voltage Range:2~6V
* 3-state Inverting Outputs for Bus-oriented Applications
* Common 3-state Output Enable Input
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74HC564L-P20-R
U74HC564G-P20-R
TSSOP-20
Tape Reel
U74HC564L-P20-T
U74HC564G-P20-T
TSSOP-20
Tube


Podobny numer części - U74HC564L-P20-R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
U74HC564L-P20-R UTC-U74HC564L-P20-R Datasheet
184Kb / 5P
OCTAL D-TYPE EDGE-TRIGGERRD FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Podobny opis - U74HC564L-P20-R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
Octal D Type Flip Flops With 3 State Outputs
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LV574A RENESAS-HD74LV574A Datasheet
84Kb / 8P
Octal D-type Flip-Flops with 3-state Outputs
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
HD74HCT564 RENESAS-HD74HCT564 Datasheet
121Kb / 9P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Unisonic Technologies
U74HC564 UTC-U74HC564 Datasheet
184Kb / 5P
OCTAL D-TYPE EDGE-TRIGGERRD FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
More results


Html Pages

1 2 3 4 5