| Zakładka z wyszukiwarką danych komponentów |
|
SMBJ45 Arkusz danych(PDF) 2 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
SMBJ45 Arkusz danych(HTML) 2 Page - Micro Commercial Components |
|
2 / 5 page ![]() 100 10 1.0 0.1 0.1 £gs 1.0 £gs 10 £gs 100 £gs 1.0ms 10ms MOUNTED ON 5.0mm2 COPPER LAND AREAS NON-REPETITIVE PULSE WAVEFORM SHOWN IN FIGURE 3 TA = 25 ¢J td, PULSE WIDTH, SEC 100 75 50 25 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE, ¢J Fig. 1-PEAK PULSE POWER RATING CURVE Fig. 2-PULSE DERATING CURVE 150 100 50 0 0 1.0 2.0 3.0 4.0 TA = 25¢J Pulse Width(td) is Defined as the Point Where the Peak Current Decays to 50% of lpp Peak Value Ippm Half Value-Ipp 2 10/1000£gsec Waveform as Defined by R.E.A. e-kt td tf = 10£gsec t, TIME , ms Fig. 3-PULSE WAVEFORM 6,000 4,000 2,000 1,000 800 600 400 200 100 80 60 40 20 10 1.0 2.0 10 20 100 200 MEASURED AT STAND-OFF VOLTAGE(VMW) TJ = 25¢J f = 1.0MHz Vsig = 50mVp-p MEASURED AT ZERO BIAS V(WM), REVERSE STAND-OFF VOLTAGE, VOLTS Fig. 4-TYPICAL JUNCTION CAPACITANCE 200 100 50 0 1 2 4 6 8 10 20 60 80 100 TJ = TJ max 8.3ms SINGLE HALF SINCE-WAVE JEDEC METHOD NUMBER OF CYCLES AT 60Hz Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT SMBJ5.0 THRU SMBJ170CA MCC www.mccsemi.com |