Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2575BWM Arkusz danych(PDF) 6 Page - Micrel Semiconductor

Numer części LM2575BWM
Szczegółowy opis  52kHz Simple 1A Buck Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICREL [Micrel Semiconductor]
Strona internetowa  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575BWM Arkusz danych(HTML) 6 Page - Micrel Semiconductor

  LM2575BWM Datasheet HTML 1Page - Micrel Semiconductor LM2575BWM Datasheet HTML 2Page - Micrel Semiconductor LM2575BWM Datasheet HTML 3Page - Micrel Semiconductor LM2575BWM Datasheet HTML 4Page - Micrel Semiconductor LM2575BWM Datasheet HTML 5Page - Micrel Semiconductor LM2575BWM Datasheet HTML 6Page - Micrel Semiconductor LM2575BWM Datasheet HTML 7Page - Micrel Semiconductor LM2575BWM Datasheet HTML 8Page - Micrel Semiconductor LM2575BWM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
M9999-042205
6
April 2005
LM2575
Micrel, Inc.
Typical Performance Characteristics (continued) (Circuit of Figure 1)
Supply Current
INPUT VOLTAGE (V)
20
Measured at
Ground Pin
TJ = 25˚C
VOUT = 5V
18
16
14
12
10
8
6
4
010
20
3040
5060
ILOAD to 1A
Supply Current
vs. Duty Cycle
DUTY CYCLE (%)
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
020
40
6080
100
VIN from 7V to 40V
ILOAD = 200 mA
JUNCTION TEMPERATURE (˚C)
200
150
100
50
0
-75
VIN = 12V
Standby
Quiescent Current
VIN = 40V
-50 -25
0 25 50 75 100 125 150
Current Limit
JUNCTION TEMPERATURE (˚C)
3
2
1
0
-75
VIN = 25V
INPUT VOLTAGE (V)
100
Efficiency
VOUT = 12V
-50 -25
0 25 50 75 100 125 150
95
90
85
80
75
70
65
60
200 mA
200 mA
VOUT = 3V
1A
05
10 15 20 25 30
35 40
Minimum Operating
Voltage
JUNCTION TEMPERATURE (˚C)
5.0
ILOAD = 200 mA
Line Regulation
INPUT VOLTAGE (V)
14
0
JUNCTION TEMPERATURE (˚C)
100
-100
-75
Feedback Pin Current
-50 -25 0
25 50 75 100 125 150
VOUT = 1.23V
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-75 -50 -25 0
25 50 75 100 125 150
12
10
8
6
4
2
0
-2
-4
-6
510
15
202530
75
50
25
0
-25
-50
-75
JUNCTION TEMPERATURE (˚C)
+8
-8
-75
Oscillator Frequency
-50 -25
0 25 50 75 100 125 150
+6
+4
+2
0
-2
-4
--6
VIN = 12V
VIN = 40V
Normalized at 25˚C
Normalized to VIN = 10V
VOUT = 5V
ILOAD = 500mA
TJ = 25
VON/OFF = 5V
Switch
Saturation Voltage
SWITCH CURRENT (A)
1.2
-55˚C
1.0
0.8
0.6
0.4
0
0.2
0.4
0.6
0.8
1.0
25˚C
125˚C
150˚C
-40˚C
Dropout Voltage
JUNCTION TEMPERATURE (˚C)
2.0
-75 -50 -25
0 25 50 75 100 125 150
∆VOUT = 5%
RIND = 0.2Ω
ILOAD = 1A
ILOAD = 200 mA
1.5
1.0
0.5
0
Normalized
Output Voltage
JUNCTION TEMPERATURE (˚C)
100
75
50
25
0
-25
-50
-75
-100
-75 -50 -25
0
25 50 75 100 125 150
VIN = 12V
ILOAD = 200mA
Normalized to TJ = 25˚C
1A



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com