| Zakładka z wyszukiwarką danych komponentów |
|
MIC2178BWM Arkusz danych(PDF) 12 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC2178BWM Arkusz danych(HTML) 12 Page - Micrel Semiconductor |
|
12 / 16 page ![]() MIC2178 Micrel MIC2178 12 June 1998 The feedback resistors, RC compensation network, and BIAS pin bypass capacitor should be located close to their respective pins. To prevent ground bounce, their ground traces and SGND should not be in the path of switching BIAS SGND PWRGD COMP PGND FB SW VIN C2 100µF 10V VOUT 3.3V/1A L1 50µH C4 6.8nF C3 0.01µF MIC2178 PWM Skip Mode PWM Mode SYNC EN R1 20k R2 10k VIN 4.5V to 16.5V C1 22µF 35V U1 20 11 10 18 13 14–17 19 12 4–7 3,8 1,2,9 D1 MBRS130L U1 Micrel MIC2178-3.3BWM C1 AVX TPSE226M035R0300, ESR = 0.3 Ω C2 AVX TPSD107M010R0100, ESR = 0.1 Ω C3 Z5UorX7R Ceramic Dielectric Material C4 X7RorNP0 Ceramic Dielectric Material D1 Motorola MBRS130LT3 L1 Coiltronics CTX50-4P, DCR = 0.097 Ω L1 Coilcraft DO3316P-473, DCR = 0.12 Ω L1 Bi HM77-11003, DCR = 0.073 Ω Figure 1. MIC2178 4.5V–16.5V to 3.3V/1A Regulator BIAS SGND PWRGD COMP PGND FB SW VIN C2 100µF 10V VOUT 5V/1A L1 50µH C4 6.8nF C3 0.01µF MIC2178 PWM Skip Mode PWM Mode SYNC EN R1 20k R2 10k VIN 5.4V to 16.5V C1 22µF 35V U1 20 11 10 18 13 14–17 19 12 4–7 3,8 1,2,9 D1 MBRS130L U1 Micrel MIC2178-5.0BWM C1 AVX TPSE226M035R0300, ESR = 0.3 Ω C2 AVX TPSD107M010R0100, ESR = 0.1 Ω C3 Z5UorX7R Ceramic Dielectric Material C4 X7RorNP0 Ceramic Dielectric Material D1 Motorola MBRS130LT3 L1 Coiltronics CTX50-4P, DCR = 0.097 Ω L1 Coilcraft DO3316P-473, DCR = 0.12 Ω L1 Bi HM77-11003, DCR = 0.073 Ω Figure 2. MIC2178 5.4V–16.5V to 5V/1A Regulator currents returning to the power supply ground bus. SGND and PGND should be tied together by a ground plane that extends under the MIC2178. |