Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL97635IRZ Arkusz danych(PDF) 13 Page - Intersil Corporation

Numer części ISL97635IRZ
Szczegółowy opis  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635IRZ Arkusz danych(HTML) 13 Page - Intersil Corporation

Back Button ISL97635IRZ Datasheet HTML 9Page - Intersil Corporation ISL97635IRZ Datasheet HTML 10Page - Intersil Corporation ISL97635IRZ Datasheet HTML 11Page - Intersil Corporation ISL97635IRZ Datasheet HTML 12Page - Intersil Corporation ISL97635IRZ Datasheet HTML 13Page - Intersil Corporation ISL97635IRZ Datasheet HTML 14Page - Intersil Corporation ISL97635IRZ Datasheet HTML 15Page - Intersil Corporation ISL97635IRZ Datasheet HTML 16Page - Intersil Corporation ISL97635IRZ Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
FN6434.2
December 22, 2008
PWMO pin for DPST mode operation which will be described
in “PWM Dimming Frequency Adjustment” on page 13.
For example, if the SMBus controlled PWM duty is 80%
dimming at 200Hz (see CFPWM Equation 12) and the
external PWMI duty cycle is 60% dimming at 1kHz, the
resultant PWM duty cycle is 48% dimming at 200Hz.
Method 4 (Analog Mode, DC-to-PWM Mode)
By overdriving the PWMO pin with a DC voltage between
0.21V and 1.21V, the average LED current of each channel
is controlled by the internally generated PWM signal, as
shown in Equation 11:
Where BRT is the value held in Register 0x00 (default
setting 0xFF). The PWMO pin is internally driven to 0.21V
via a 40k
Ω resistor when the EN/PWMI pin is in logic high,
any overdrive circuit will need to be able to drive up to 40µA
in order to overcome this.
The DC-to-PWM controlled PWM frequency is adjusted by a
capacitor at the FPWM pin, which will be described in “PWM
Dimming Frequency Adjustment” on page 13.
For example, if PWMO is applied with a DC voltage
≥ 1.21V,
the output will be zero. On the other hand, if the PWMO is
applied with a DC voltage
≤ 0.21V, the PWM duty cycle will
be at its maximum. If the PWMO pin is applied with a DC
voltage of 0.31V, the PWM duty cycle will be at 90% at
200Hz if CFPWM = 27nF.
PWM Dimming Frequency Adjustment
(Applicable to SMBus controlled PWM, DPST, and
DC-to-PWM Modes)
Except for the external PWM dimming mode where the
frequency follows the external signals, the dimming
frequencies of the other modes are set by an external
capacitor CFPWM at the FPWM pin, as shown in Equation 12:
where FPWM is the desirable PWM dimming frequency.
For example, if FPWM = 200Hz, CFPWM = 5.4µF/200 = 27nF
The PWM dimming frequency can be for example 20kHz but
there are a minimum on and off time requirements such that
the dimming will be in the range of 10% to 99.5%. If the
dimming frequency is below 5kHz, the dimming range can
be 1% to 99.5%.
In the DPST and DC-to-PWM modes, a CPWMO capacitor is
also needed. An internal 40k
Ω and an external C
PWMO at the
PWMO pin form a low pass network to filter the PWMI to an
averaged DC. As a result, the time constant of the 40k
Ω and
CPWMO should be significantly larger than the external PWMI
period, t, such that Equation 13 will show:
For example, if FPWM is 200Hz and an external PWMI is
1kHz and above, a 220nF CPWMO can be chosen that allows
the external PWMI signal to be filtered as an averaged DC.
Also, the FPWM frequency in the DPST mode should be
limited between 100Hz to 2kHz and at least five times
smaller than the external PWMI frequency when DPST
mode is used.
Switching Frequency
An internal clock of 1.2MHz is used for the boost regulator
control of the LX pin in default. There are 2 levels of
switching frequencies: 600kHz or 1.2MHz. Each can be
programmed in the Configuration Register 0x08 bit 2. The
default switching frequency is at 1.2MHz.
5V Low Dropout Regulator
A 5.2V LDO regulator is present at the VDC pin to develop the
necessary low voltage supply, which is used by the chips
internal control circuitry. Because VDC is an LDO pin, it
requires a bypass capacitor of 1µF or more for the regulation.
For applications with an input voltage
≤ 5.5V, VIN and VDC
pins can be connected together. Low input voltage also allows
only lower output voltage applications only with the maximum
boost ratio defined in “Components Selections” on page 24.
The VDC pin can be used as a coarse reference with a few
mA sourcing capability.
In-rush Control and Soft-start
The ISL97635 has separately built-in independent inrush
control and soft-start functions. The inrush control function is
built around the short circuit protection FET, and is only
available in applications, which include this device. At
start-up, the fault protection FET is turned on slowly due to a
30µA pull-down current output from the FAULT pin. This
discharges the fault FET's gate-source capacitance, turning
on the FET in a controlled fashion. As this happens, the
output capacitor is charged slowly through the weakly turned
on FET before it becomes fully enhanced. This results in a
low in-rush current. This current can be further reduced by
adding a capacitor (in the 1nF to 5nF range) across the
gate-source terminals of the FET.
Once the chip detects that the fault protection FET is turned
on hard, it is assumed that in-rush has completed. At this
point, the boost regulator will begin to switch and the current
in the inductor will ramp-up. The current in the boost power
switch is monitored and the switching is terminated in any
cycle where the current exceeds the current limit. The
ISL97635 includes a soft-start feature where this current limit
starts at a low value (375mA). This is stepped up to the final
3A current limit in 7 further steps of 375mA. These steps will
happen over a 1ms total time, such that after 1ms, the final
limit will be reached. This allows the output capacitor to be
I
LED ave
()
I
LED
BRT 255
1
V PWMO
() 0.21
–
()
–
()
×
⁄
×
=
(EQ. 11)
C
FPWM
5.4
μFFPWM
⁄
=
(EQ. 12)
40k
Ω x C
PWMO >t
(EQ. 13)
ISL97635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com