| Zakładka z wyszukiwarką danych komponentów |
|
MIC4425BWM Arkusz danych(PDF) 12 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC4425BWM Arkusz danych(HTML) 12 Page - Micrel Semiconductor |
|
12 / 12 page ![]() MIC4423/4424/4425 Micrel MIC4423/4424/4425 12 January 1999 Package Information 0.380 (9.65) 0.370 (9.40) 0.135 (3.43) 0.125 (3.18) PIN 1 DIMENSIONS: INCH (MM) 0.018 (0.57) 0.100 (2.54) 0.013 (0.330) 0.010 (0.254) 0.300 (7.62) 0.255 (6.48) 0.245 (6.22) 0.380 (9.65) 0.320 (8.13) 0.0375 (0.952) 0.130 (3.30) 8-Pin DIP (N) 45 ° 0 °–8° 0.244 (6.20) 0.228 (5.79) 0.197 (5.0) 0.189 (4.8) SEATING PLANE 0.026 (0.65) MAX) 0.010 (0.25) 0.007 (0.18) 0.064 (1.63) 0.045 (1.14) 0.0098 (0.249) 0.0040 (0.102) 0.020 (0.51) 0.013 (0.33) 0.157 (3.99) 0.150 (3.81) 0.050 (1.27) TYP PIN 1 DIMENSIONS: INCHES (MM) 0.050 (1.27) 0.016 (0.40) 8-Pin SOIC (M) 0.022 (0.559) 0.018 (0.457) 5 ° TYP 0.408 (10.363) 0.404 (10.262) 0.409 (10.389) 0.405 (10.287) 0.103 (2.616) 0.099 (2.515) SEATING PLANE 0.027 (0.686) 0.031 (0.787) 0.016 (0.046) TYP 0.301 (7.645) 0.297 (7.544) 0.094 (2.388) 0.090 (2.286) 0.297 (7.544) 0.293 (7.442) 10 ° TYP 0.032 (0.813) TYP 0.330 (8.382) 0.326 (8.280) 7 ° TYP 0.050 (1.270) TYP 0.015 (0.381) R 0.015 (0.381) MIN PIN 1 DIMENSIONS: INCHES (MM) 16-Pin Wide SOIC (WM) MICREL INC. 1849 FORTUNE DRIVE SAN JOSE, CA 95131 USA TEL + 1 (408) 944-0800 FAX + 1 (408) 944-0970 WEB http://www.micrel.com This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. © 1999 Micrel Incorporated |