Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DRV600RTJTG4 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części DRV600RTJTG4
Szczegółowy opis  DIRECTPATH??STEREO LINE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DRV600RTJTG4 Arkusz danych(HTML) 3 Page - Texas Instruments

  DRV600RTJTG4 Datasheet HTML 1Page - Texas Instruments DRV600RTJTG4 Datasheet HTML 2Page - Texas Instruments DRV600RTJTG4 Datasheet HTML 3Page - Texas Instruments DRV600RTJTG4 Datasheet HTML 4Page - Texas Instruments DRV600RTJTG4 Datasheet HTML 5Page - Texas Instruments DRV600RTJTG4 Datasheet HTML 6Page - Texas Instruments DRV600RTJTG4 Datasheet HTML 7Page - Texas Instruments DRV600RTJTG4 Datasheet HTML 8Page - Texas Instruments DRV600RTJTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
DRV600
SLOS536 – JUNE 2007
over operating free-air temperature range, TA = 25°C (unless otherwise noted)
VALUE / UNIT
Supply voltage, AVDD, PVDD
–0.3 V to 5.5 V
VI
Input voltage
VSS - 0.3 V to VDD + 0.3 V
R(Load)
Minimum load impedance
≥ 100 Ω
TA
Operating free-air temperature range
–40
°C to 85°C
TJ
Operating junction temperature range
–40
°C to 150°C
Tstg
Storage temperature range
–65
°C to 85°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
AVAILABLE OPTIONS
TA
PACKAGED DEVICES(1)
PART NUMBER
SYMBOL
–40
°C to 85°C
20-pin, 4 mm
× 4 mm QFN
DRV600RTJ(2)
AKQ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The RTJ package is only available taped and reeled. To order, add the suffix “R” to the end of the part number for a reel of 3000, or add
the suffix “T” to the end of the part number for a reel of 250 (e.g., DRV600RTJR).
MIN
MAX
UNIT
VSS
Supply voltage, AVDD, PVDD
1.8
4.5(1)
V
VIH
High-level input voltage
SDL, SDR
1.5
V
VIL
Low-level input voltage
SDL, SDR
0.5
V
TA
Operating free-air temperature
–40
85
°C
(1)
Device can shut down for VDD > 4.5 V to prevent damage to the device.
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage
VDD = 1.8 V to 4.5 V, Inputs grounded
8
mV
PSRR
Power Supply Rejection Ratio
VDD = 1.8 V to 4.5 V
–69
–80
dB
VOH
High-level output voltage
VDD = 3.3 V, RL = 600 Ω
3.10
V
VOL
Low-level output voltage
VDD = 3.3 V, RL = 600 Ω
–3.05
V
|IIH|
High-level input current (SDL, SDR)
VDD = 4.5 V, VI = VDD
1
µA
|IIL|
Low-level input current (SDL, SDR)
VDD = 4.5 V, VI = 0 V
1
µA
VDD = 1.8 V, No load, SDL= SDR = VDD
5.3
6.5
VDD = 3.3 V, No load, SDL = SDR = VDD
6.7
8.2
mA
IDD
Supply Current
VDD = 4.5 V, No load, SDL = SDR = VDD
8
10
Shutdown mode, VDD = 1.8 V to 4.5 V
1
µA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com