| Zakładka z wyszukiwarką danych komponentów |
|
LM49352 Arkusz danych(PDF) 57 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM49352 Arkusz danych(HTML) 57 Page - Texas Instruments |
|
57 / 106 page ![]() LM49352 www.ti.com SNAS467E – MARCH 2009 – REVISED MARCH 2013 Table 41. RX_MODE (0x55h/x65h) (continued) Bits Field Description 5:1 MSB_POSITION This specifies the bit location of the MSB from the start of the frame (MSB Justified) or from the end of the frame (LSB Justified). MSB_POSITION Description 00000 0(Left Justified/PCM Long) 00001 1(I2S/PCM Short) 00010 2 00011 3 00100 4 00101 5 00110 6 00111 7 01000 8 01001 9 01010 10 01011 11 01100 12 01101 13 01110 14 01111 15 10000 16 10001 17 10010 18 10011 19 10100 20 10101 21 10110 22 10111 23 11000 24 11001 25 11010 26 11011 27 11100 28 11101 29 11110 30 11111 31 6 COMPAND If set, audio data will be companded. 7 μLaw/A-Law This sets the audio companding mode. μLaw/A-Law Compand Mode 0 μLaw 1 A-Law Table 42. TX_MODE (0x56h/x66h) Bits Field Description 0 TX_MODE This sets the TX data output justification with respect to the SYNC signal. TX_MODE Description 0 MSB Justified 1 LSB Justified Copyright © 2009–2013, Texas Instruments Incorporated Submit Documentation Feedback 57 Product Folder Links: LM49352 |