Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD238 Arkusz danych(PDF) 2 Page - Unisonic Technologies

Numer części BD238
Szczegółowy opis  -80V, PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BD238 Arkusz danych(HTML) 2 Page - Unisonic Technologies

  BD238_15 Datasheet HTML 1Page - Unisonic Technologies BD238_15 Datasheet HTML 2Page - Unisonic Technologies BD238_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BD238
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R226-002.C
ABSOLUTE MAXIMUM RATINGS (T
A=25
°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-2
A
Collector Power Dissipation
PC
1.25
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25
°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-1mA, IE=0
-100
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-100mA, IB=0
-80
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IC=-1mA, IE=0
-5
V
Collector Cut-Off Current
ICBO
VCB=-100V, IE=0
-100
µA
Emitter Cut-Off Current
IEBO
VEB=-5V, IC=0
-1
mA
hFE(1)
VCE=-2V, IC=-150mA
40
DC Current Gain
hFE(2)
VCE=-2V, IC=-1A
25
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-1A, IB=-100mA
-0.6
V
Transition Frequency
fT
VCE=-10V, IC=-250mA,
f=10MHz
3
MHz



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com