| Zakładka z wyszukiwarką danych komponentów |
|
DTA114TG-AN3-R Arkusz danych(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA114TG-AN3-R Arkusz danych(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTA114T PNP SILICON TRANSISTOR www.unisonic.com.tw 1of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R206-061.D DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT C B E R1 ORDERING INFORMATION Order Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 - DTA114TG-AE3-R SOT-23 E B C Tape Reel - DTA114TG-AL3-R SOT-323 E B C Tape Reel - DTA114TG-AN3-R SOT-523 E B C Tape Reel DTA114TL-T92-B DTA114TG-T92-B TO-92 E C B Tape Box DTA114TL-T92-K DTA114TG-T92-K TO-92 E C B Bulk DTA114TL-T9S-K DTA114TG-T9S-K TO-92SP E C B Bulk Note: Pin assignment: E: Emitter B: Base C: Collector MARKING SOT-23 / SOT-323 / SOT-523 TO-92 / TO-92SP AB4T |
Podobny numer części - DTA114TG-AN3-R |
|
Podobny opis - DTA114TG-AN3-R |