| Zakładka z wyszukiwarką danych komponentów |
|
DTA143ZG-AE3-R Arkusz danych(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA143ZG-AE3-R Arkusz danych(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTA143Z PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R206-072.G DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT SOT-23 (JEDEC TO-236) 3 2 1 SOT-323 3 2 1 SOT-523 3 2 1 TO-92 1 TO-92SP 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 - DTA143ZG-AE3-R SOT-23 G I O Tape Reel - DTA143ZG-AL3-R SOT-323 G I O Tape Reel - DTA143ZG-AN3-R SOT-523 G I O Tape Reel DTA143ZL-T92-B DTA143ZG-T92-B TO-92 G O I Tape Box DTA143ZL-T92-K DTA143ZG-T92-K TO-92 G O I Bulk DTA143ZL-T9S-K DTA143ZG-T9S-K TO-92SP G O I Bulk Note: Pin Assignment: G: GND I: IN O: OUT MARKING SOT-23 / SOT-323 / SOT-523 TO-92 TO-92SP |
Podobny numer części - DTA143ZG-AE3-R |
|
Podobny opis - DTA143ZG-AE3-R |