| Zakładka z wyszukiwarką danych komponentów |
|
27C04AT-15IP Arkusz danych(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
27C04AT-15IP Arkusz danych(HTML) 7 Page - Microchip Technology |
|
7 / 8 page ![]() 28C04A © 1996 Microchip Technology Inc. DS11126F-page 7 28C04A Product Identification System To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed sales offices. Package: L = Plastic Leaded Chip Carrier (PLCC) P = Plastic DIP (600mill) Temperature Blank = 0 °C to +70°C Range: I = -40 °C to +85°C Access Time: 15 150 ns 20 200 ns 25 250 ns Shipping: Blank Tube T Tape and Reel “L” only Option: Blank = twc = 1ms F = twc = 200 µs Device: 28C04A 512 x 8 CMOS EEPROM 28C04A FT–15I /P |