| Zakładka z wyszukiwarką danych komponentów |
|
93LC66-ISM Arkusz danych(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93LC66-ISM Arkusz danych(HTML) 3 Page - Microchip Technology |
|
3 / 12 page ![]() 2004 Microchip Technology Inc. DS21712B-page 3 93LC46/56/66 AC CHARACTERISTICS FIGURE 1-1: SYNCHRONOUS DATA TIMING AC CHARACTERISTICS VCC = +2.5V to +5.5V Industrial (I): TA = -40°C to +85°C Param. No. Sym Characteristic Min Typ Max Units Conditions 1FCLK Clock frequency — — — — 2 1 MHz MHz VCC ≥ 4.5V VCC < 4.5V 2TCKH Clock high time 250 — — ns 3TCKL Clock low time 250 — — ns 4TCSS Chip select setup time 50 — — ns Relative to CLK 5TCSH Chip select hold time 0 — — ns Relative to CLK 6TCSL Chip select low time 250 — — ns 7TDIS Data input setup time 100 — — ns Relative to CLK 8TDIH Data input hold time 100 — — ns Relative to CLK 9TPD Data output delay time — — 400 ns CL = 100 pF 10 TCZ Data output disable time — — 100 ns CL = 100 pf (Note 2) 11 TSV Status valid time — — 500 ns CL = 100 pF 12 TWC Program cycle time — 4 10 ms Erase/Write mode 13 TEC — 8 15 ms ERAL mode (VCC=5V ±10%) 14 TWL — 16 30 ms WRAL mode (VCC=5V ±10%) 15 — Endurance 1M — 1M cycles 25°C, VCC = 5.0V, Block mode (Note 3) Note 1: This parameter is tested at TA = 25°C and FCLK = 1 MHz. 2: This parameter is periodically sampled and not 100% tested. 3: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site at: www.microchip.com. CS VIH VIL VIH VIL VIH VIL VOH VOL VOH VOL CLK DI DO (Read) DO (Write) 4 7 2 3 8 9 5 9 10 Status Valid 11 10 |