Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCP6002E Arkusz danych(PDF) 12 Page - Microchip Technology

Numer części MCP6002E
Szczegółowy opis  1 MHz Bandwidth Low Power Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6002E Arkusz danych(HTML) 12 Page - Microchip Technology

Back Button MCP6002E Datasheet HTML 8Page - Microchip Technology MCP6002E Datasheet HTML 9Page - Microchip Technology MCP6002E Datasheet HTML 10Page - Microchip Technology MCP6002E Datasheet HTML 11Page - Microchip Technology MCP6002E Datasheet HTML 12Page - Microchip Technology MCP6002E Datasheet HTML 13Page - Microchip Technology MCP6002E Datasheet HTML 14Page - Microchip Technology MCP6002E Datasheet HTML 15Page - Microchip Technology MCP6002E Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MCP6001/2/4
DS21733D-page 12
 2003 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead PDIP (300 mil) (MCP6004)Example:
14-Lead TSSOP (MCP6004)
Example:
14-Lead SOIC (150 mil) (MCP6004)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXX
YYWWNNN
XXXXXX
YYWW
NNN
MCP6004
-I/P
0307057
6004
ST
0307
057
XXXXXXXXXX
MCP6004
ISL
0307057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com