| Zakładka z wyszukiwarką danych komponentów |
|
UMT1NG-AL6-R Arkusz danych(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UMT1NG-AL6-R Arkusz danych(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UMT1N Preliminary DUAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R218-025.a GENERAL PURPOSE TRANSISTOR DESCRIPTION The UTC UMT1N is a dual transistor, including two PNP transistors. It uses UTC’s advanced technology to provide the customers with high DC current gain, etc. FEATURES * High DC current gain (hFE>120@VCE=-6V, IC=-1mA) EQUIVALENT CIRCUITS ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 4 5 6 UMT1NL-AL6-R UMT1NG-AL6-R SOT-363 E1 B1 C2 E2 B2 C1 Tape Reel MARKING T1N 12 3 4 5 6 L: Lead Free G: Halogen Free |
Podobny numer części - UMT1NG-AL6-R |
|
Podobny opis - UMT1NG-AL6-R |