| Zakładka z wyszukiwarką danych komponentów |
|
PIC16LC620 Arkusz danych(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC620 Arkusz danych(HTML) 6 Page - Microchip Technology |
|
6 / 108 page ![]() PIC16C62X DS30235G-page 6 Preliminary © 1998 Microchip Technology Inc. TABLE 1-1: PIC16C62X FAMILY OF DEVICES PIC16C620 PIC16C620A PIC16CR620A PIC16C621 PIC16C621A PIC16C622 PIC16C622A Clock Maximum Frequency of Operation (MHz) 20 20 20 20 20 20 20 Memory EPROM Program Memory (x14 words) 512 512 512 1K 1K 2K 2K Data Memory (bytes) 80 96 96 80 96 128 128 Peripherals Timer Module(s) TMR0 TMR0 TMRO TMR0 TMR0 TMR0 TMR0 Comparators(s) 2 2 2 2 2 2 2 Internal Reference Voltage Yes Yes Yes Yes Yes Yes Yes Features Interrupt Sources 4 4 4 4 4 4 4 I/O Pins 13 13 13 13 13 13 13 Voltage Range (Volts) 2.5-6.0 3.0-5.5 2.5-5.5 2.5-6.0 3.0-5.5 2.5-6.0 3.0-5.5 Brown-out Reset Yes Yes Yes Yes Yes Yes Yes Packages 18-pin DIP, SOIC; 20-pin SSOP 18-pin DIP, SOIC; 20-pin SSOP 18-pin DIP, SOIC; 20-pin SSOP 18-pin DIP, SOIC; 20-pin SSOP 18-pin DIP, SOIC; 20-pin SSOP 18-pin DIP, SOIC; 20-pin SSOP 18-pin DIP, SOIC; 20-pin SSOP All PICmicro™ Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O current capability. All PIC16C62X Family devices use serial programming with clock pin RB6 and data pin RB7. |