| Zakładka z wyszukiwarką danych komponentów |
|
MCP6004ESN Arkusz danych(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6004ESN Arkusz danych(HTML) 3 Page - Microchip Technology |
|
3 / 24 page ![]() 2003 Microchip Technology Inc. DS21733D-page 3 MCP6001/2/4 AC ELECTRICAL SPECIFICATIONS TEMPERATURE SPECIFICATIONS Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8 to 5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2, RL = 10 kΩ to VDD/2, and CL = 60 pF. Parameters Sym Min Typ Max Units Conditions AC Response Gain Bandwidth Product GBWP — 1.0 — MHz Phase Margin PM — 90 — ° G = +1 Slew Rate SR — 0.6 — V/µs Noise Input Noise Voltage Eni — 6.1 — µVp-p f = 0.1 Hz to 10 Hz Input Noise Voltage Density eni —28 — nV/ √Hz f = 1 kHz Input Noise Current Density ini —0.6 — fA/ √Hz f = 1 kHz Electrical Characteristics: Unless otherwise indicated, VDD = +1.8V to +5.5V, and VSS = GND. Parameters Sym Min Typ Max Units Conditions Temperature Ranges Industrial Temperature Range TA -40 — +85 °C Extended Temperature Range TA -40 — +125 °C Operating Temperature Range TA -40 — +125 °C (Note) Storage Temperature Range TA -65 — +150 °C Thermal Package Resistances Thermal Resistance, 5L-SC70 θJA — 331 — °C/W Thermal Resistance, 5L-SOT-23 θJA — 256 — °C/W Thermal Resistance, 8L-PDIP θJA —85 — °C/W Thermal Resistance, 8L-SOIC (150 mil) θJA — 163 — °C/W Thermal Resistance, 8L-SOIC (208 mil) θJA —118 — °C/W Thermal Resistance, 8L-MSOP θJA — 206 — °C/W Thermal Resistance, 14L-PDIP θJA — 70 — °C/W Thermal Resistance, 14L-SOIC θJA — 120 — °C/W Thermal Resistance, 14L-TSSOP θJA — 100 — °C/W Note: The industrial temperature devices operate over this extended temperature range, but with reduced perfor- mance. In any case, the internal Junction Temperature (TJ) must not exceed the Absolute Maximum specification of +150°C. |