Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC16C54-LPE/P Arkusz danych(PDF) 12 Page - Microchip Technology

Numer części PIC16C54-LPE/P
Szczegółowy opis  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPE/P Arkusz danych(HTML) 12 Page - Microchip Technology

Back Button PIC16C54-LPE/P Datasheet HTML 8Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 9Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 10Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 11Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 12Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 13Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 14Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 15Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 217 page
background image
PIC16C5X
DS30453B-page 12
Preliminary
© 1998 Microchip Technology Inc.
TABLE 3-2:
PINOUT DESCRIPTION
- PIC16C55s, PIC16C57s, PIC16CR57s
Name
DIP, SOIC
No.
SSOP
No.
I/O/P
Type
Input
Levels
Description
RA0
RA1
RA2
RA3
6
7
8
9
5
6
7
8
I/O
I/O
I/O
I/O
TTL
TTL
TTL
TTL
Bi-directional I/O port
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RB7
10
11
12
13
14
15
16
17
9
10
11
12
13
15
16
17
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
TTL
TTL
TTL
TTL
TTL
TTL
TTL
TTL
Bi-directional I/O port
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RC7
18
19
20
21
22
23
24
25
18
19
20
21
22
23
24
25
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
TTL
TTL
TTL
TTL
TTL
TTL
TTL
TTL
Bi-directional I/O port
T0CKI
1
2
I
ST
Clock input to Timer0. Must be tied to VSS or VDD if not in use
to reduce current consumption.
MCLR
28
28
I
ST
Master clear (reset) input. This pin is an active low reset to the
device.
OSC1/CLKIN
27
27
I
ST
Oscillator crystal input/external clock source input.
OSC2/CLKOUT
26
26
O
—
Oscillator crystal output. Connects to crystal or resonator in
crystal oscillator mode. In RC mode, OSC2 pin outputs
CLKOUT which has 1/4 the frequency of OSC1, and denotes
the instruction cycle rate.
VDD
2
3,4
P
—
Positive supply for logic and I/O pins.
VSS
4
1,14
P
—
Ground reference for logic and I/O pins.
N/C
3,5
—
—
—
Unused, do not connect
Legend: I = input, O = output, I/O = input/output,
P = power, — = Not Used,
TTL = TTL input, ST = Schmitt Trigger input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More