| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F870/SP Arkusz danych(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F870/SP Arkusz danych(HTML) 8 Page - Microchip Technology |
|
8 / 156 page ![]() PIC16F870/871 DS30569A-page 8 Preliminary © 1999 Microchip Technology Inc. TABLE 1-2: PIC16F871 PINOUT DESCRIPTION Pin Name DIP Pin# PLCC Pin# QFP Pin# I/O/P Type Buffer Type Description OSC1/CLKIN 13 14 30 I ST/CMOS(4) Oscillator crystal input/external clock source input. OSC2/CLKOUT 14 15 31 O — Oscillator crystal output. Connects to crystal or resonator in crystal oscillator mode. In RC mode, OSC2 pin outputs CLK- OUT which has 1/4 the frequency of OSC1, and denotes the instruction cycle rate. MCLR/VPP/THV 1 2 18 I/P ST Master clear (reset) input or programming voltage input or high voltage test mode control. This pin is an active low reset to the device. PORTA is a bi-directional I/O port. RA0/AN0 2 3 19 I/O TTL RA0 can also be analog input0 RA1/AN1 3 4 20 I/O TTL RA1 can also be analog input1 RA2/AN2/VREF- 4 5 21 I/O TTL RA2 can also be analog input2 or negative analog reference voltage RA3/AN3/VREF+ 5 6 22 I/O TTL RA3 can also be analog input3 or positive analog reference voltage RA4/T0CKI 6 7 23 I/O ST RA4 can also be the clock input to the Timer0 timer/ counter. Output is open drain type. RA5/AN4 7 8 24 I/O TTL RA5 can also be analog input4 PORTB is a bi-directional I/O port. PORTB can be software programmed for internal weak pull-up on all inputs. RB0/INT 33 36 8 I/O TTL/ST(1) RB0 can also be the external interrupt pin. RB1 34 37 9 I/O TTL RB2 35 38 10 I/O TTL RB3/PGM 36 39 11 I/O TTL/ST(1) RB3 can also be the low voltage programming input RB4 37 41 14 I/O TTL Interrupt on change pin. RB5 38 42 15 I/O TTL Interrupt on change pin. RB6/PGC 39 43 16 I/O TTL/ST(2) Interrupt on change pin or In-Circuit Debugger pin. Serial programming clock. RB7/PGD 40 44 17 I/O TTL/ST(2) Interrupt on change pin or In-Circuit Debugger pin. Serial programming data. PORTC is a bi-directional I/O port. RC0/T1OSO/T1CKI 15 16 32 I/O ST RC0 can also be the Timer1 oscillator output or a Timer1 clock input. RC1/T1OSI 16 18 35 I/O ST RC1 can also be the Timer1 oscillator input RC2/CCP1 17 19 36 I/O ST RC2 can also be the Capture1 input/Compare1 output/ PWM1 output. RC3 18 20 37 I/O ST RC4 23 25 42 I/O ST RC5 24 26 43 I/O ST RC6/TX/CK 25 27 44 I/O ST RC6 can also be the USART Asynchronous Transmit or Synchronous Clock. RC7/RX/DT 26 29 1 I/O ST RC7 can also be the USART Asynchronous Receive or Synchronous Data. Legend: I = input O = output I/O = input/output P = power — = Not used TTL = TTL input ST = Schmitt Trigger input Note 1: This buffer is a Schmitt Trigger input when configured as an external interrupt or LVP mode. 2: This buffer is a Schmitt Trigger input when used in serial programming mode. 3: This buffer is a Schmitt Trigger input when configured as general purpose I/O and a TTL input when used in the Parallel Slave Port mode (for interfacing to a microprocessor bus). 4: This buffer is a Schmitt Trigger input when configured in RC oscillator mode and a CMOS input otherwise. |