| Zakładka z wyszukiwarką danych komponentów |
|
TC1071VCT Arkusz danych(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1071VCT Arkusz danych(HTML) 11 Page - Microchip Technology |
|
11 / 16 page ![]() © 2002 Microchip Technology Inc. DS21353B-page 11 TC1070/TC1071/TC1187 6.0 PACKAGING INFORMATION 6.1 Package Marking Information “1” & “2” = part number code + temperature range and voltage “3” represents year and quarter code “4” represents lot ID number 6.2 Taping Form (V) TC1070 Code TC1071 Code TC1187 Code Adjustable BA BB R9 Component Taping Orientation for 5-Pin SOT-23A (EIAJ SC-74A) Devices Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 5-Pin SOT-23A 8 mm 4 mm 3000 7 in Carrier Tape, Number of Components Per Reel and Reel Size User Direction of Feed Device Marking PIN 1 Standard Reel Component Orientation TR Suffix Device (Mark Right Side Up) W P |