Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RF83 Arkusz danych(PDF) 21 Page - List of Unclassifed Manufacturers

Numer części RF83
Szczegółowy opis  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Arkusz danych(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RF83 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
-21-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
15.3 16-pin SOP Top Markingh
Figure 15.3 RF83/RF83L SOP Top Marking
Table 15.3 Top Marking Explanation
 
Line
Characters
Description
Line 1
HopeRF’ s Logo.
Part Number Code
There is format RF83 or RF83L.
Line 2
11=Year
12=Work Week
Assigned by the assembly House. Corresponds to
the year and work weak of the assembly date.
A=Version Number
Version Number, such as “A”.
XX=Trace Code
Manufacturing code characters from the Markings
Section of the Assembly Order form.
15.4 8-pin SOP Top Marking
Figure 15.4 RF83C/RF83CL SOP Top Marking
Table 15.4 Top Marking Explanation
Line
Characters
Description
Line 1
HopeRF’ s Logo.
Part Number Code
There are four formats RF83C or RF83CL.
Line 2
11=Year
12=Work Week
Assigned by the assembly House. Corresponds to
the year and work weak of the assembly date.
A=Version Number
Version Number, such as “A”.
XX=Trace Code
Manufacturing code characters from the Markings
Section of the Assembly Order form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22