Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP38693-Q1 Arkusz danych(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Numer części LP38693-Q1
Szczegółowy opis  LP3869x/-Q1 500-mA Low-Dropout CMOS Linear Regulators Stable With Ceramic Output Capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LP38693-Q1 Arkusz danych(HTML) 27 Page - Texas Instruments

Back Button LP38693-Q1 Datasheet HTML 23Page - Texas Instruments LP38693-Q1 Datasheet HTML 24Page - Texas Instruments LP38693-Q1 Datasheet HTML 25Page - Texas Instruments LP38693-Q1 Datasheet HTML 26Page - Texas Instruments LP38693-Q1 Datasheet HTML 27Page - Texas Instruments LP38693-Q1 Datasheet HTML 28Page - Texas Instruments LP38693-Q1 Datasheet HTML 29Page - Texas Instruments LP38693-Q1 Datasheet HTML 30Page - Texas Instruments LP38693-Q1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP38691DTX-1.8/NOPB
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LP38691DTX-2.5/NOPB
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LP38691DTX-3.3
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LP38691DTX-3.3/NOPB
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LP38691DTX-5.0/NOPB
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LP38691QSD-1.8/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691QSD-2.5/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691QSD-3.3/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691QSD-5.0/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691QSDX-1.8/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691QSDX-2.5/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691QSDX-3.3/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691QSDX-5.0/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691SD-1.8
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691SD-1.8/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691SD-2.5/NOPB
WSON
NGG
6
1000
180.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691SD-3.3/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LP38691SD-5.0/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
2-Sep-2015
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34