Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW-8759 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części FW-8759
Szczegółowy opis  Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Xeon E3-1200 v3 or Core짰 i7/i5/i3 Series processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8759 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  FW-8759 Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8759 Datasheet HTML 2Page - List of Unclassifed Manufacturers FW-8759 Datasheet HTML 3Page - List of Unclassifed Manufacturers FW-8759 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary Specifications
Form Factor
Rackmount 1U
Platform
Processor Options
4th Generation Intel® Xeon E3-1200 v3 or CoreTM i7/i5/i3
series processor with C226 (Codenamed “Denlow”)
Chipset
C226
OS Support
Windows 7,8,2000, XP, Vista, Server 2008, 2012, Linux
Kernel 2.6 or above
BIOS
AMI BIOS 64 MB
System Memory
Technology
Dual-channel DDR3/DDR3L 1066/1333/1600 MHz,
un-buffered, ECC or non-ECC, 1.5V/1.35V
Max. Capacity
16 GB
Socket
2 x 240-pin DIMM
Storage
HDD Bays
2 x 2.5” HDD/SSD kit (reserved 1 x 3.5”)
CF/SD
1 x CF card Type II
Networking
Ethernet Ports
8 x GbE RJ-45 onboard, Maximum up to 16 ports
Bypass
3 pairs Gen.3 (Optional)
Controllers
1 x Intel i217, 7 x Intel i210AT
Ethernet Modules
1
Management Port
1 x GbE RJ-45
I/O Interface
Reset Button
1 x reset button
Console
1 x RJ-45
USB
2 x USB 2.0
IPMI via OPMA slot
By Project
Display
N/A
Expansion
PCIe
1 x PCIE x8 expansion for NIC Module, 1 x Low-profile PCI-E
*8 (Optional)
PCI
N/A
Cooling
Processor
CPU heatsink with fan duct
System
3 x cooling Fan with smart fan control
Environmental
Parameters
Temperature, ambient operating
/ storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient operating
/ ambient non-operating
5~90%, non-condensing / 5~95%, non-condensing
Miscellaneous
LCD Module
2 x 20 LCM with keypad
Watchdog
Yes
Internal RTC with Li Battery
Yes
Physical
Dimensions
Dimensions (WxHxD)
438 x 44 x 415 mm
Weight
10 kg
Power
Type / Watts
300 W ATX Power Supply Units, FW-8759C with Redundant
PSUs
Input
AC 90~264 V @47~63 Hz
Approvals and Compliance
CE Class A, FCC Class A, RoHS



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com