Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC54VC1101ECTTR Arkusz danych(PDF) 2 Page - Microchip Technology

Numer części TC54VC1101ECTTR
Szczegółowy opis  Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54VC1101ECTTR Arkusz danych(HTML) 2 Page - Microchip Technology

  TC54VC1101ECTTR Datasheet HTML 1Page - Microchip Technology TC54VC1101ECTTR Datasheet HTML 2Page - Microchip Technology TC54VC1101ECTTR Datasheet HTML 3Page - Microchip Technology TC54VC1101ECTTR Datasheet HTML 4Page - Microchip Technology TC54VC1101ECTTR Datasheet HTML 5Page - Microchip Technology TC54VC1101ECTTR Datasheet HTML 6Page - Microchip Technology TC54VC1101ECTTR Datasheet HTML 7Page - Microchip Technology TC54VC1101ECTTR Datasheet HTML 8Page - Microchip Technology TC54VC1101ECTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC54
DS21434C-page 2
 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage ........................................................+12V
Output Current ....................................................50mA
Output Voltage: CMOS..... (VSS – 0.3V) to (VIN + 0.3V)
Open Drain ..........(VSS – 0.3V) to 12V
Power Dissipation (TA ≤ 70°C):
3-Pin SOT-23A ...........................................240mW
3-Pin SOT-89 .............................................400mW
5-Pin SOT-23A ...........................................240mW
Operating Temperature Range.............-40°C to +85°C
Storage Temperature Range ..............-65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC54 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = 25°C, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN
Operating Voltage
0.7
—
10.0
V
(VDET -) = 0.8 to 6.0V
ISS
Quiescent Current
—
—
—
—
1.0
1.3
1.6
2.0
3.0
3.4
3.8
4.2
µAVIN = 2.1V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
VDET -
Threshold Voltage
VDET - x 0.98
—
VDET - x 1.02
V
VHYST
Hysteresis Voltage
VDET - x 0.02
VDET - x 0.05
VDET - x 0.08
V
IOUT
Output Current
—
—
—
—
—
7.7
10.1
11.5
13.0
-10.0
—
—
—
—
—
mA
VOL = 0.5V, VIN = 2.1V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
TC54VC Only;
VOH = VIN – 2.1V, VIN = 8.0V
TC (VDET -)
Tempco of (VDET -)
—
±100
—
ppm/°C -40°C
≤ TA ≤ 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12