| Zakładka z wyszukiwarką danych komponentów |
|
TC7136CLW Arkusz danych(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7136CLW Arkusz danych(HTML) 11 Page - Microchip Technology |
|
11 / 22 page ![]() © 2002 Microchip Technology Inc. DS21461B-page 11 TC7136/TC7136A 5.0 DIGITAL SECTION The TC7136/A contains all the segment drivers neces- sary to directly drive a 3-1/2 digit LCD. An LCD back- plane driver is included. The backplane frequency is the external clock frequency divided by 800. For three conversions per second, the backplane frequency is 60Hz with a 5V nominal amplitude. When a segment driver is in phase with the backplane signal, the seg- ment is OFF. An out-of-phase segment drive signal causes the segment to be ON, or visible. This AC drive configuration results in negligible DC voltage across each LCD segment, ensuring long LCD life. The polar- ity segment driver is ON for negative analog inputs. If VIN+and VIN- are reversed, this indicator would reverse. On the TC7136/A, when the TEST pin is pulled to V+, all segments are turned ON. The display reads -1888. During this mode, the LCD segments have a constant DC voltage impressed. The display font and segment drive assignment are shown in Figure 5-1. FIGURE 5-1: DISPLAY FONT AND SEGMENT ASSIGNMENT 5.1 System Timing The oscillator frequency is divided by 4 prior to clocking the internal decade counters. The four-phase mea- surement cycle takes a total of 4000 counts, or 16,000 clock pulses. The 4000 count cycle is independent of input signal magnitude. Each phase of the measurement cycle has the following length: 1. Auto-zero phase: 3000 to 2900 counts (1200 to 11,600 clock pulses) 2. Signal integrate: 1000 counts (4000 clock pulses) This time period is fixed. The integration period is: EQUATION 5-1: 3. Reference integrate: 0 to 2000 counts 4. Zero integrator: 11 to 640 counts The TC7136 is a drop-in replacement for the TC7126 and ICL7126. The TC7136A offers a greatly improved internal reference temperature coefficient. Minor com- ponent value changes are required to upgrade existing designs and improve the noise performance. 6.0 COMPONENT VALUE SELECTION 6.1 Auto-Zero Capacitor (CAZ) The CAZ capacitor size has some influence on system noise. A 0.47 µF capacitor is recommended for 200mV full scale applications, where 1LSB is 100 µV. A 0.1µF capacitor is adequate for 2V full scale applications. A Mylar type dielectric capacitor is adequate. 6.2 Reference Voltage Capacitor (CREF) The reference voltage, used to ramp the integrator out- put voltage back to zero during the reference integrate phase, is stored on CREF.A 0.1µF capacitor is accept- able when VREF- is tied to analog common. If a large Common mode voltage exists (VREF- ≠ analog com- mon) and the application requires a 200mV full scale, increase CREF to 1µF. Rollover error will beheldtoless than 0.5 count. A Mylar type dielectric capacitor is adequate. 6.3 Integrating Capacitor (CINT) CINT should be selected to maximize integrator output voltage swing without causing output saturation. Ana- log common will normally supply the differential voltage reference in this case, a ±2V full scale integrator output swing is satisfactory. For 3 readings per second (FOSC = 48kHz), a 0.047µF value is suggested. For one reading per second, 0.15 µF is recommended. If a different oscillator frequency is used, CINT must be changed in inverse proportion to maintain the nominal ±2V integrator swing. Note: Do not leave the display in this mode for more than several minutes. LCDs may be destroyed if operated with DC levels for extended periods. Display Font 1000's 100's 10's 1's Where: tSI = 4000 1 FOSC FOSC is the externally set clock frequency. |