| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F84A-10/SS Arkusz danych(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F84A-10/SS Arkusz danych(HTML) 22 Page - Microchip Technology |
|
22 / 124 page ![]() PIC16F8X DS30430C-page 22 © 1998 Microchip Technology Inc. TABLE 5-1 PORTA FUNCTIONS TABLE 5-2 SUMMARY OF REGISTERS ASSOCIATED WITH PORTA Name Bit0 Buffer Type Function RA0 bit0 TTL Input/output RA1 bit1 TTL Input/output RA2 bit2 TTL Input/output RA3 bit3 TTL Input/output RA4/T0CKI bit4 ST Input/output or external clock input for TMR0. Output is open drain type. Legend: TTL = TTL input, ST = Schmitt Trigger input Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on Power-on Reset Value on all other resets 05h PORTA — — — RA4/T0CKI RA3 RA2 RA1 RA0 ---x xxxx ---u uuuu 85h TRISA — — — TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 ---1 1111 ---1 1111 Legend: x = unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are unimplemented, read as '0' |