Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37207MF Arkusz danych(PDF) 1 Page - Mitsubishi Electric Semiconductor

Numer części M37207MF
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207MF Arkusz danych(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M37207MF Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37207MF Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37207MF Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37207MF Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37207MF Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37207MF Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37207MF Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37207MF Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37207MF Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 121 page
background image
DESCRIPTION
The M37207MF-XXXSP/FP and M37207M8-XXXSP are single-chip
microcomputers designed with CMOS silicon gate technology. It is
housed in a 64-pin shrink plastic molded DIP or a 80-pin plastic molded
QFP.
In addition to their simple instruction sets, the ROM, RAM and I/O
addresses are placed on the same memory map to enable easy pro-
gramming.
The M37207MF-XXXSP/FP has a PWM function and an OSD func-
tion, so it is useful for a channel selection system for TV. The fea-
tures of the M37207EFSP/FP are similar to those of the M37207MF-
XXXSP/FP except that these chips have a built-in PROM which can
be written electrically. The difference between M37207MF-XXXSP/
FP and M37207M8-XXXSP are the ROM size, RAM size, ROM size
for display and kinds of character. Accordingly, the following descrip-
tions will be for the M37207MF-XXXSP/FP unless otherwise noted.
Multi-master I2C-BUS interface ...............................1 (3 systems)
Power dissipation
In high-speed mode ........................................................ 165 mW
(at VCC = 5.5 V, 8 MHz oscillation frequency, CRT on)
In low-speed mode ......................................................... 0.33 mW
(at VCC = 5.5 V, 32 kHz oscillation frequency)
A-D comparator (6-bit resolution) ................................ 8 channels
PWM output circuit ...................................... 14-bit !1, 8-bit !10
Interrupt interval determination circuit ........................................ 1
ROM correction function .......................................... 32 bytes ! 2
CRT display function
Number of display characters ............... 24 characters ! 3 lines
(16 lines maximum)
Kinds of characters .................. 256 kinds (M37207M8-XXXSP)
384 kinds (M37207MF-XXXSP/FP,
M37207EFSP/FP)
Character display area .......................................... 12 ! 16 dots
Kinds of character sizes ................................................. 4 kinds
Kinds of character colors (It can be specified by the character)
maximum 15 kinds (R, G, B, I)
Kinds of character background colors (It can be specified by the character)
maximum 7 kinds (R, G, B)
1/2-character unit color specification is possible.
Kinds of raster colors (maximum 15 kinds)
Display position
Horizontal .................................................................. 64 levels
Vertical .................................................................... 128 levels
Bordering (horizontal and vertical)
Wipe function
Scanning line double count mode display is possible.
APPLICATION
TV
FEATURES
Number of basic instructions .................................................... 71
Memory size .................................................................................
ROM ...................... 32K bytes (M37207M8-XXXSP)
62K bytes (M37207MF-XXXSP/FP,
M37207EFSP/FP)
RAM ...................... 512 bytes (M37207M8-XXXSP)
960 bytes (M37207MF-XXXSP/FP,
M37207EFSP/FP)
ROM correction memory ............................ 64 bytes
ROM for display ....... 8K bytes (M37207M8-XXXSP)
12K bytes (M37207MF-XXXSP/FP,
M37207EFSP/FP)
RAM for display ........................................ 144 bytes
Minimum instruction execution time
........................................ 0.5
µs (at 8 MHz oscillation frequency)
Power source voltage ..................................................5 V ± 10 %
Subroutine nesting ............................................ 128 levels (Max.)
Interrupts ...................................................... 15 types, 14 vectors
8-bit timers ................................................................................. 6
Programmable I/O ports
(Ports P0, P1, P2, P30–P36, P4, P6) ....................................... 47
Input ports (Ports P70, P71) ....................................................... 2
Output ports (Ports P52–P56)..................................................... 5
12 V withstand ports ................................................................. 10
LED drive ports .......................................................................... 4
Serial I/O ....................................... 8-bit !1 channel (2 systems)
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER


Podobny numer części - M37207MF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
M37207MF RENESAS-M37207MF Datasheet
2Mb / 122P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
M37207MF-XXXFP RENESAS-M37207MF-XXXFP Datasheet
2Mb / 122P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
M37207MF-XXXSP RENESAS-M37207MF-XXXSP Datasheet
2Mb / 122P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
More results

Podobny opis - M37207MF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsubishi Electric Sem...
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37207MF RENESAS-M37207MF Datasheet
2Mb / 122P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com