Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2696MXAX/NOPB Arkusz danych(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2696MXAX/NOPB
Szczegółowy opis  LM2696 3A, Constant On Time Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2696MXAX/NOPB Arkusz danych(HTML) 17 Page - Texas Instruments

Back Button LM2696MXAX/NOPB Datasheet HTML 13Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 14Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 15Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 16Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 17Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 18Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 19Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 20Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
VAVERAGE
Time (s)
VH - VL = VRIPPLE
Output Voltage (V)
VH
VL
VREGULATION
tON
tP
RFB1
RFB2
CD
SW
FB
L
COUT
VOUT
D
Time (s)
Discontinuous Conduction Mode (DCM)
Switchnode Voltage
VIN
VOUT
IPEAK
Time (s)
Discontinuous Conduction Mode (DCM)
Inductor Current
IAVERAGE
Time (s)
DCM-CCM Boundary
Inductor Current
LM2696
www.ti.com
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
Figure 23. Modes of Operation
It can be seen that in DCM, whenever the inductor runs dry the SW node will become high impedance. Ringing
will occur as a result of the LC tank circuit formed by the inductor and the parasitic capacitance at the SW node.
Figure 24. Parasitic Tank Circuit at the Switchpin
LINE REGULATION
The LM2696 regulates to the lowest point of the output voltage (VL in Figure 25 ). This is to say that the output
voltage may be represented by a waveform that is some average voltage with ripple. The LM2696 will regulate to
the trough of the ripple.
Figure 25. Average Output Voltage and Regulation Point
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM2696



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28