Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

REG710 Arkusz danych(PDF) 23 Page - Texas Instruments

Numer części REG710
Szczegółowy opis  REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

REG710 Arkusz danych(HTML) 23 Page - Texas Instruments

Back Button REG710 Datasheet HTML 19Page - Texas Instruments REG710 Datasheet HTML 20Page - Texas Instruments REG710 Datasheet HTML 21Page - Texas Instruments REG710 Datasheet HTML 22Page - Texas Instruments REG710 Datasheet HTML 23Page - Texas Instruments REG710 Datasheet HTML 24Page - Texas Instruments REG710 Datasheet HTML 25Page - Texas Instruments REG710 Datasheet HTML 26Page - Texas Instruments REG710 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REG710NA-5/3K
SOT-23
DBV
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-5/3K
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
REG71050DDCR
SOT
DDC
6
3000
203.0
203.0
35.0
REG71050DDCT
SOT
DDC
6
250
203.0
203.0
35.0
REG71050DRVR
SON
DRV
6
3000
195.0
200.0
45.0
REG71050DRVT
SON
DRV
6
250
210.0
185.0
35.0
REG71050DRVT
SON
DRV
6
250
195.0
200.0
45.0
REG71055DDCR
SOT
DDC
6
3000
203.0
203.0
35.0
REG71055DDCT
SOT
DDC
6
250
203.0
203.0
35.0
REG710NA-2.5/250
SOT-23
DBV
6
250
203.0
203.0
35.0
REG710NA-2.7/250
SOT-23
DBV
6
250
203.0
203.0
35.0
REG710NA-3.3/250
SOT-23
DBV
6
250
180.0
180.0
18.0
REG710NA-3.3/3K
SOT-23
DBV
6
3000
203.0
203.0
35.0
REG710NA-3.3/3K
SOT-23
DBV
6
3000
180.0
180.0
18.0
REG710NA-3/250
SOT-23
DBV
6
250
203.0
203.0
35.0
REG710NA-3/250
SOT-23
DBV
6
250
180.0
180.0
18.0
REG710NA-3/3K
SOT-23
DBV
6
3000
180.0
180.0
18.0
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Jul-2014
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32