Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML2280CIP Arkusz danych(PDF) 2 Page - Micro Linear Corporation

Numer części ML2280CIP
Szczegółowy opis  Serial I/O 8-Bit A/D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRO-LINEAR [Micro Linear Corporation]
Strona internetowa  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2280CIP Arkusz danych(HTML) 2 Page - Micro Linear Corporation

  ML2280CIP Datasheet HTML 1Page - Micro Linear Corporation ML2280CIP Datasheet HTML 2Page - Micro Linear Corporation ML2280CIP Datasheet HTML 3Page - Micro Linear Corporation ML2280CIP Datasheet HTML 4Page - Micro Linear Corporation ML2280CIP Datasheet HTML 5Page - Micro Linear Corporation ML2280CIP Datasheet HTML 6Page - Micro Linear Corporation ML2280CIP Datasheet HTML 7Page - Micro Linear Corporation ML2280CIP Datasheet HTML 8Page - Micro Linear Corporation ML2280CIP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ML2280, ML2283
2
PIN CONFIGURATION
NAME
FUNCTION
VCC
Positive supply. 5V ± 10%
DGND
Digital ground. 0 volts. All digital inputs and
outputs are referenced to this point.
AGND
Analog ground. The negative reference voltage
for A/D converter.
GND
Combined analog and digital ground.
CH0,
Analog inputs. Digitally selected to be single
VIN+, VIN– ended (VIN) or; VIN+ or VIN– of a differential
input. Analog range = GND - VIN - VCC.
VREF/2
Reference. The analog input range is twice the
positive reference voltage value applied to this
pin.
V+
Input to the Shunt Regulator.
DO
Data out. Digital output which contains result
of A/D conversion. The serial data is clocked
out on falling edges of CLK.
PIN DESCRIPTION
ML2280
Single Differential Input
8-Pin PDIP
ML2283
4-Channel MUX
14-Pin PDIP
NAME
FUNCTION
SARS
Successive approximation register status.
Digital output which indicates that a
conversion is in progress. When SARS goes
to 1, the sampling window is closed and
conversion begins. When SARS goes to 0,
conversion is completed. When CS = 1, SARS
is in high impedance state.
CLK
Clock. Digital input which clocks data in on
DI on rising edges and out on DO on falling
edges. Also used to generate clocks for A/D
conversion.
DI
Data input. Digital input which contains serial
data to program the MUX and channel
assignments.
CS
Chip select. Selects the chip for multiplexer
and channel assignment and A/D conversion.
When CS = 1, all digital outputs are in high
impedance state. When CS = 0, normal A/D
conversion takes place.
CS
VIN+
VIN–
GND
VCC
CLK
DO
VREF/2
1
2
3
4
8
7
6
5
TOP VIEW
TOP VIEW
V+
CS
CH0
CH1
CH2
CH3
DGND
VCC
DI
CLK
SARS
DO
VREF/2
AGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ML2280
Single Differential Input
8-Pin SOIC
TOP VIEW
CS
VIN+
VIN–
GND
VCC
CLK
DO
VREF/2
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20