| Zakładka z wyszukiwarką danych komponentów |
|
ML4830CS Arkusz danych(PDF) 9 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML4830CS Arkusz danych(HTML) 9 Page - Micro Linear Corporation |
|
9 / 15 page ![]() ML4830 9 CLOCK OUT A OUT B tON(MAX) tCLK tON tON Figure 6. Definition of Duty Cycles SEMI-STANDARD CAPABILITIES The ML4830 is designed to work in a wide variety of electronic ballast applications. For high volume, cost sensitive applications, a ballast design can be implemented and debugged using the ML4830. From that design, Micro Linear can produce a reduced feature set, optimized ballast IC design quickly and easily with low risk. Contact your Micro Linear representative or call Micro Linear for more information on Semi-Standard options. 6.8 3.4 1.2 0.65 0 7.5 R(X)/C(X) HEAT DIMMING LOCKOUT INT INHIBIT Figure 7. Lamp Starting and Restart Timing |