| Zakładka z wyszukiwarką danych komponentów |
|
AR0130CSSC00SPBA0-DR Arkusz danych(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0130CSSC00SPBA0-DR Arkusz danych(HTML) 13 Page - ON Semiconductor |
|
13 / 53 page ![]() AR0130 DS Rev. L Pub. 6/15 EN 13 ©Semiconductor Components Industries, LLC, 2015. AR0130: 1/3-Inch CMOS Digital Image Sensor Output Data Format Output Data Format The AR0130 image data is read out in a progressive scan. Valid image data is surrounded by horizontal and vertical blanking (see Figure 8). The amount of horizontal row time (in clocks) is programmable through R0x300C. The amount of vertical frame time (in rows) is programmable through R0x300A. LINE_VALID (LV) is HIGH during the shaded region of Figure 8. Optional Embedded Register setup information and Histogram statistic information are available in first 2 and last row of image data. Figure 8: Spatial Illustration of Image Readout Readout Sequence Typically, the readout window is set to a region including only active pixels. The user has the option of reading out dark regions of the array, but if this is done, consideration must be given to how the sensor reads the dark regions for its own purposes. P0,0 P0,1 P0,2.....................................P0,n-1 P0,n P1,0 P1,1 P1,2.....................................P1,n-1 P1,n 00 00 00 .................. 00 00 00 00 00 00 .................. 00 00 00 Pm-1,0 Pm-1,1.....................................Pm-1,n-1 Pm-1,n Pm,0 Pm,1.....................................Pm,n-1 Pm,n 00 00 00 .................. 00 00 00 00 00 00 .................. 00 00 00 00 00 00 .................. 00 00 00 00 00 00 .................. 00 00 00 00 00 00 .................. 00 00 00 00 00 00 .................. 00 00 00 00 00 00 ..................................... 00 00 00 00 00 00 ..................................... 00 00 00 00 00 00 ..................................... 00 00 00 00 00 00 ..................................... 00 00 00 VALID IMAGE HORIZONTAL BLANKING VERTICAL BLANKING VERTICAL/HORIZONTAL BLANKING |