| Zakładka z wyszukiwarką danych komponentów |
|
AR0835HS Arkusz danych(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0835HS Arkusz danych(HTML) 13 Page - ON Semiconductor |
|
13 / 70 page ![]() AR0835HS_DS Rev. D Pub. 5/15 EN 13 ©Semiconductor Components Industries, LLC, 2015. AR0835HS: 1/3.2-Inch 8 Mp CMOS Digital Image Sensor Power-on Sequence Figure 5: Recommended Power-up Sequence Table 7: Power-up Sequence Definition Symbol Minimum Typical Maximum Unit VDD_IO to VDD_1V8 t1 –– 500 ms VDD_1V8 to VDD_1V2 t2 0.2 – 500 ms VDD_1V2 to VAA t3 0.2 – 500 ms Active Hard Reset t4 1– 500 ms Internal Initialization t5 2400 – – EXTCLKs PLL Lock Time t6 1– 5 ms VDD_IO, VDD_SLVS XSHUTDOWN SDATA SCLK First Serial Write t1 t4 t5 t6 t2 Hard Reset Internal Init Soft Standby PLL Lock Streaming t3 VDD_1V8 VDD_1V2, VDD_1V2_PHY VAA, VAA_PIX EXTCLK |