Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

66158 Arkusz danych(PDF) 1 Page - Micropac Industries

Numer części 66158
Szczegółowy opis  SINGLE CHANNEL OPTOCOUPLER DIRECT REPLACEMENT FOR 3C92C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROPAC [Micropac Industries]
Strona internetowa  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66158 Arkusz danych(HTML) 1 Page - Micropac Industries

  66158 Datasheet HTML 1Page - Micropac Industries 66158 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
3 - 46
66158
SINGLE CHANNEL OPTOCOUPLER
DIRECT REPLACEMENT FOR 3C92C
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
REVISION B
12/29/00
Features:
High Reliability
Base lead eliminated for improved noise immunity
Rugged package
Stability over wide temperature
+500V electrical isolation
Applications:
Eliminate ground loops
Level shifting
Line receiver
Switching power supplies
Motor control
DESCRIPTION
The 66158 contains a gallium arsenide infrared LED optically coupled to a silicon planar phototransistor. The optocoupler
is built on a TO-46 header. The collector of the phototransistor is electrically connected to the case. This optocoupler is
capable of transmitting signals between two galvanic sources. The potential difference between transmitter and receiver
should not go over the maximum isolation voltage. The internal base connection has been eliminated for improved noise
immunity.
ABSOLUTE MAXIMUM RATINGS
Input to Output Voltage....................................................................................................................................................... 500V
Emitter-Collector Voltage........................................................................................................................................................ 7V
Collector-Emitter Voltage (value applies to emitter-base open-circuited & the input-diode equal to zero) ........................ 60V
Reverse Input Voltage ........................................................................................................................................................... 7V
Input Diode Continuous Forward Current at (or below) 65°C Free-Air Temperature (see note 1) ................................. 50mA
Peak Forward Input Current (value applies for tw < 1µs, PRR < 300 pps) .....................................................................500mA
Continuous Collector Current ............................................................................................................................................ 50mA
Continuous Transistor Power Dissipation at (or below) 25°C Free-Air Temperature (see Note 2) .............................. 230mW
Storage Temperature........................................................................................................................................-65°C to +150°C
Operating Free-Air Temperature Range ..........................................................................................................-55°C to +125°C
Lead Solder Temperature (10 seconds max.) ................................................................................................................ 260°C
Notes:
1. Derate linearly to 125°C free-air temperature at the rate of 0.67 mA/°C above 65°C.
2. Derate linearly to 125°C free-air temperature at the rate of 2.3 mW/°C.
Package Dimensions
Schematic Diagram
1
2
3
45°
DIMENSIONS ARE IN INCHES (MILLIMETERS)
0.030 (0.76) MAX
0.178Ø (4.52)
0.195Ø (4.95)
0.230Ø (5.84)
0.209Ø (5.31)
4 LEADS
0.019Ø (0.48)
0.016Ø (0.41)
Ø0.100[2.54]
0.50 [12.70] MIN
0.210 [5.34]
ANODE
0.048 [1.22]
0.046 [1.17]
COLLECTOR
EMMITTER
CATHODE
4
0.170 [4.32]
0.028 [0.71]
0.036 [0.91]


Podobny numer części - 66158

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
6615-XX FRONTIER-6615-XX Datasheet
100Kb / 1P
Linearity Coils
6615-XX-LFR FRONTIER-6615-XX-LFR Datasheet
100Kb / 1P
Linearity Coils
logo
Tyco Electronics
66150-2 MACOM-66150-2 Datasheet
162Kb / 1P
CONTACT, DUO-TYNE TM FLAG
6615012-1 MACOM-6615012-1 Datasheet
424Kb / 8P
Modular Jacks and MRJ21 Product
logo
Vishay Siliconix
66152E3 VISHAY-66152E3 Datasheet
136Kb / 7P
Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
14-Oct-16
More results

Podobny opis - 66158

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micropac Industries
66163 MICROPAC-66163 Datasheet
86Kb / 2P
SINGLE CHANNEL OPTOCOUPLERS DIRECT REPLACEMENT FOR 3C91C
66164 MICROPAC-66164 Datasheet
87Kb / 2P
SINGLE CHANNEL LINEAR OPTOCOUPLER Electrically Similar to 3C92C
logo
Marl International Limi...
208 MARL-208 Datasheet
271Kb / 5P
Direct replacement for T6.8 Slide Base
216 MARL-216 Datasheet
220Kb / 4P
Direct replacement for BA22
231 MARL-231 Datasheet
283Kb / 5P
Direct replacement for BA15s
240 MARL-240 Datasheet
202Kb / 4P
Direct replacement for BA15d
253 MARL-253 Datasheet
275Kb / 5P
Direct replacement for T2 BA7s
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
Direct replacement for BA15s
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
Direct replacement for BA15d
253-501-64-38_1312 MARL-253-501-64-38_1312 Datasheet
275Kb / 5P
Direct replacement for T2 BA7s
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com