| Zakładka z wyszukiwarką danych komponentów |
|
MSASC150H45L Arkusz danych(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
MSASC150H45L Arkusz danych(HTML) 1 Page - Microsemi Corporation |
|
1 / 3 page ![]() 1N6821 (MSASC150H45L) 1N6821R (MSASC150H45LR) 45 Volts 150 Amps Features • Tungsten/Platinum schottky barrier • Oxide passivated structure for very low leakage currents • Guard ring protection for increased reverse energy capability • Epitaxial structure minimizes forward voltage drop • Hermetically sealed, low profile ceramic surface mount power package • Low package inductance • Very low thermal resistance • Available as standard polarity (strap-to-anode, 1N6821) and reverse polarity (strap-to-cathode: 1N6821R) DESCRIPTION SYMBOL MAX. UNIT Peak Repetitive Reverse Voltage VRRM 45 Volts Working Peak Reverse Voltage VRWM 45 Volts DC Blocking Voltage VR 45 Volts Average Rectified Forward Current, Tc ≤125°C IF(ave) 150 Amps derating, forward current, Tc ≥ 125°C dIF/dT 4 Amps/ °C Nonrepetitive Peak Surge Current, tp= 8.3 ms, half-sinewave IFSM 750 Amps Peak Repetitive Reverse Surge Current, tp= 1 µs, f= 1kHz IRRM 2 Amp Junction Temperature Range Tj -55 to +150 °C Storage Temperature Range Tstg -55 to +150 °C Thermal Resistance, Junction to Case: 1N6821 1N6821R θ JC 0.20 0.35 °C/W Maximum Ratings @ 25 °C (unless otherwise specified) Mechanical Outline ThinKey™ 3 Datasheet# MSC1035A 2830 S. Fairview St. Santa Ana, CA 92704 PH: (714) 979-8220 FAX: (714) 966-5256 LOW VOLTAGE DROP SCHOTTKY DIODE |
Podobny numer części - MSASC150H45L |
|
Podobny opis - MSASC150H45L |