Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N29071AD Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części 2N29071AD
Szczegółowy opis  SWITCHING TRANSISTOR PNP SILICON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N29071AD Arkusz danych(HTML) 2 Page - Microsemi Corporation

  2N29071AD Datasheet HTML 1Page - Microsemi Corporation 2N29071AD Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Electrical Characteristics @ Tj = 25
°C
Symbol
Parameter
Conditions
Min
Max
Unit
OFF CHARACTERISTICS
V(BR)CBO
Breakdown Voltage, Collector to Base
Bias Cond. D, IC=10uAdc
60
Vdc
V(BR)EBO
Breakdown Voltage, Emitter to Base
Bias Cond. D, IE=10uAdc
5
Vdc
V(BR)CEO
Breakdown Voltage, Collector to Emitter
Bias Cond. D, IC= 10mAdc, pulsed
60
Vdc
ICES
Collector to Emitter Cutoff Current
Bias Cond. D, VCE=50Vdc
50 nAdc
ICBO1
Collector to Base Cutoff Current
Bias Cond. D, VCB=50Vdc
10 nAdc
IEBO
Emitter to Base Cutoff Current
Bias Cond. D, VEB= 4Vdc
50 nAdc
ON CHARACTERISTICS
hFE1
Forward-Current Transfer Ratio
VCE=10Vdc, IC=0.1mAdc
75
hFE2
Forward-Current Transfer Ratio
VCE=10Vdc, IC=1.0mAdc
100
450
hFE3
Forward-Current Transfer Ratio
VCE=10Vdc, IC=10mAdc
100
hFE4
Forward-Current Transfer Ratio
VCE=10Vdc, IC=150mAdc, pulsed
100
300
hFE5
Forward-Current Transfer Ratio
VCE=10Vdc, IC=500mAdc, pulsed
50
VCE(sat)1
Collector to Emitter Saturation Voltage
IC=150mAdc, IB=15mAdc, pulsed
0.4 Vdc
VCE(sat)2
Collector to Emitter Saturation Voltage
IC=500mAdc, IB=50mAdc, pulsed
1.6 Vdc
VBE(sat)1
Base to Emitter Saturation Voltage
IC=150mAdc, IB=15mAdc, pulsed
0.6
1.3 Vdc
VBE(sat)2
Base to Emitter Saturation Voltage
IC=500mAdc, IB=50mAdc, pulsed
2.6 Vdc
SMALL SIGNAL CHARACTERISTICS
hfe
Short Circuit Forward Current Xfer Ratio
VCE= 10Vdc,IC =1mAdc, f= 1kHz
100
/hfe/
Magnitude of Short Circuit Forward
VCE= 20Vdc,IC =50mAdc, f=100MHz
2
Current Transfer Ratio
Cobo
Output Capacitance
VCB= 10Vdc, IE =0, 100kHz< f <1MHz
8 pF
Cibo
Input Capacitance
VEB= 2.0Vdc, IC=0, 100kHz< f <1MHz
30 pF
SWITCHING CHARACTERISTICS
ton
Saturated Turn-on Time
As defined in 19500/291 Figure 7
45 nS
toff
Saturated Turn-off Time
As defined in 19500/291 Figure 8
300 nS



Html Pages

1 2