| Zakładka z wyszukiwarką danych komponentów |
|
CF1155 Arkusz danych(PDF) 3 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
CF1155 Arkusz danych(HTML) 3 Page - Nippon Precision Circuits Inc |
|
3 / 7 page ![]() CF1155 series NIPPON PRECISION CIRCUITS—3 FUNCTIONAL DESCRIPTION Melody Modes The CF1155 series melody mode is determined by the bonding options and levels on the mode control inputs OSH and LH. When either OSH or LH or both go HIGH (VDD), the corresponding melody mode is selected as shown in the following table. Level hold 1 When both OSH and LH go HIGH, melody play starts and continues while both are held HIGH. When both inputs go open circuit or LOW, melody play stops, even if during mid melody. Note that both OSH and LH inputs should be switched simultaneously using a single switch. If there is timing difference between the two inputs, then LH has priority. O S H L H Melod y mode HIGH HIGH L evel hold 1 L O W HIGH L evel hold 2 HIGH L O W One-shot L O W L O W Non-play 1 TUNE Oscillator REPEAT REPEAT OUT LH OSH 500k Ω 135k Ω 135k Ω Pull-down resistance (2-pin parallel resistance) |