| Zakładka z wyszukiwarką danych komponentów |
|
CF5705AD Arkusz danych(PDF) 6 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
CF5705AD Arkusz danych(HTML) 6 Page - Nippon Precision Circuits Inc |
|
6 / 7 page ![]() CF5705 series NIPPON PRECISION CIRCUITS—6 Test Function Normal mode (TEST = open circuit) In test mode, a 512 Hz rectangular wave is output on TEST. Note that the output load (probe) must be greater than 10 M Ω and less than 20 pF. The motor drive outputs on OUT1 and OUT2 continue to oper- ate normally. Test mode 1 (TEST = VDD) Test mode 1 is invoked when TEST is held HIGH for a minimum of 2 cycles of the 512 Hz clock (TCH > 3.9 ms), otherwise it is ignored. In test mode 1, high-speed motor output operation occurs, with the cycle time set by mask option to 62.5 or 125 ms. Test mode 2 (TEST = VSS) Test mode 2 is a dedicated IC test mode. In test mode 2, the device operates at 32-times speed, with the supply voltage connected directly to the oscillator circuit. Note that if a reset input occurs, the internal operation is reset and device output stops. Once operation stops, normal operation is not restored until TEST is either open circuit or goes LOW. OUT1 OUT2 TPW TCY/2 VDD VSS TPW TCY/2 VDD VSS tCY/2 tCY/2 TPW T < Tch T > Tch VDD VSS TEST |