| Zakładka z wyszukiwarką danych komponentów |
|
CF5705AE Arkusz danych(PDF) 5 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
CF5705AE Arkusz danych(HTML) 5 Page - Nippon Precision Circuits Inc |
|
5 / 7 page ![]() CF5705 series NIPPON PRECISION CIRCUITS—5 FUNCTIONAL DESCRIPTION Motor Output Waveform The motor output waveform cycle time and output pulsewidth are set by mask option. Reset Function Reset operation A reset operation occurs when RESET is held HIGH (VDD) for a period of 93.75 ms or greater, otherwise the reset is ignored. When the reset pulse is valid, the 4 Hz and subsequent frequency dividers are reset. Reset Release When the reset is released, the first output pulse occurs on the output pin opposite the output pin where the preceding motor drive output pulse occurred; first pulse occurs on OUT1 if previous motor drive pulse occurred on OUT2, and vice versa. A delay of TCY/2 − 0.125 to TCY/2 takes place from when reset is released until the first output pulse occurs. OUT1 OUT2 TPW TCY/2 VDD VSS TPW TCY/2 VDD VSS T < TON T > TON VDD VSS RESET (open) OUT1 TPW VDD VSS OUT2 TCY/2 TCY/2 VDD VSS TD |