Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LX432ISC Arkusz danych(PDF) 1 Page - Microsemi Corporation

Numer części LX432ISC
Szczegółowy opis  LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX432ISC Arkusz danych(HTML) 1 Page - Microsemi Corporation

  LX432ISC Datasheet HTML 1Page - Microsemi Corporation LX432ISC Datasheet HTML 2Page - Microsemi Corporation LX432ISC Datasheet HTML 3Page - Microsemi Corporation LX432ISC Datasheet HTML 4Page - Microsemi Corporation LX432ISC Datasheet HTML 5Page - Microsemi Corporation LX432ISC Datasheet HTML 6Page - Microsemi Corporation LX432ISC Datasheet HTML 7Page - Microsemi Corporation LX432ISC Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
LX432
DESCRIPTION
KEY FEA TURES
s Low Voltage Operation: 1.24V Reference
s Initial Voltage Reference Accuracy 1%
s Adjustable Output Voltage From V
REF To 20V
s Typical Output Dynamic Impedance Less
Than 250m
Ω
s Sink Current Capability 80µA To 20mA
s Direct Alternative To TLV431
Low voltage operation enables the
LX432 to be used in the feedback loop
of isolated low voltage power sup-
plies. The minimum output voltage is
determined by the LX432 output voltage
plus the forward voltage drop of the
opto-coupler LED (typically 1.24 + 1.4 =
2.64V minimum). See Figure 10.
The LX432 is offered in 3 and 5-pin
SOT-23 or TO-92 packages, and is a drop-
in replacement for the TLV431 and
SC431L devices.
The LX432 series are low-voltage pre-
cision adjustable shunt regulators
with a reference voltage of 1.24V. The
output voltage may be set to any value
between 1.24V and 20V by two external
resistors.
These devices offer low output im-
pedance for improved load regula-
tion — typical output impedance is
250m
Ω. The LX432 series operates with
an operating current as low as 80µA,
making these devices suitable for por-
table and micropower applications.
PRODUCT H IGHLIGHT
T YPICAL P ROGRAMMABLE V O L TAGE
R EFERENCE C IRCUIT
P ACKAGE ORDER INFORMA TION
T
A (°C)
Plastic SOT-23
3-pin
SC
Plastic SOT-23
5-pin
SE
0 to 70
LX432CSC
LX432CSE
LX432CLP
-40 to 85
LX432ISC
LX432ISE
LX432ILP
Note: All surface-mount packages are available in Tape & Reel.
Append the letter "T" to part number. (i.e. LX432CSET)
TO-92 (LP) package also available in ammo-pack.
Copyright © 1999
Rev. 1.0
9/99
1
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
L IN F INITY M ICROELECTRONICS I NC .
APPLICA TIONS
s Low Voltage Adjustable Power Supplies
s Instrumentation
s Computers
s Portable Equipment
LX432
R1
R2
GND
V
KA
V
IN
Cathode
Anode
Reference
IMPORTANT: For the most current data, consult LinFinity's web site: http://www.linfinity.com.
Plastic TO-92
3-pin
LP


Podobny numer części - LX432ISC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
LX432ISC MICROSEMI-LX432ISC Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
More results

Podobny opis - LX432ISC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH432 TI-TLVH432_07 Datasheet
673Kb / 38P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
Low Voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
Low-Voltage Adjustable Precision Shunt Regulators
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8