Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LX5510 Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części LX5510
Szczegółowy opis  InGaP HBT 2.4-2.5 GHz Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5510 Arkusz danych(HTML) 2 Page - Microsemi Corporation

  LX5510 Datasheet HTML 1Page - Microsemi Corporation LX5510 Datasheet HTML 2Page - Microsemi Corporation LX5510 Datasheet HTML 3Page - Microsemi Corporation LX5510 Datasheet HTML 4Page - Microsemi Corporation LX5510 Datasheet HTML 5Page - Microsemi Corporation LX5510 Datasheet HTML 6Page - Microsemi Corporation LX5510 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LX5510
PRELIMINARY DATA SHEET
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
 2003
Rev. 0.3g, 2003-05-08
InGaP HBT 2.4 – 2.5 GHz Power Amplifier
I N T E GR A T ED
PRODUCT S
ABSOLUTE MAXIMUM RATINGS
DC Supply Voltage, RF off ...............................................................................6V
Collector Current ........................................................................................400mA
Total Power Dissipation....................................................................................2W
RF Input Power........................................................................................... 15dBm
Maximum Junction Temperature (TJ max) .................................................. 150°C
Operation Ambient Temperature ...................................................-40°C to +85°C
Storage Temperature....................................................................-60°C to +150°C
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
x denotes respective pin designator 1, 2, or 3
PACKAGE PIN OUT
RF IN
RF IN
RF OUT
RF OUT
VC2
* 1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16
* Pad is Ground
GND
GND
GND
LQ PACKAGE
(Bottom View)
FUNCTIONAL PIN DESCRIPTION
Name
Description
RF IN
RF input for the power amplifier. This pin is DC-shorted to GND but AC-coupled to the transistor base of the first
stage.
VB1
Bias current control voltage for the first stage.
VB2
Bias current control voltage for the second stage. The VB2 pin can be connected with the first stage control
voltage (VB1) into a single reference voltage (referred to as Vref) through an external resistor bridge.
VCC
Supply voltage for the bias reference and control circuits. This pin can be combined with both VC1 and VC2
pins, resulting in a single supply voltage (referred to as Vc).
RF OUT
RF output for the power amplifier.
VC1
Power supply for first stage amplifier. The VC1 feedline should be terminated with a 4pF bypass capacitor 50mil
apart from the device, followed by a 8.2nH blocking inductor at the supply side. This pin can be combined with
VC2 and VCC pins, resulting in a single supply voltage (referred to as Vc).
VC2
Power supply for second stage amplifier. The VC2 feedline should be driven with a 8.2nH AC blocking inductor
and 1uF bypass capacitor. This pin can be combined with VC1 and VCC pins, resulting in a single supply
voltage (referred to as Vc).
GND
The center metal base of the MLP package provides both DC and RF ground as well as heat sink for the power
amplifier.



Html Pages

1 2 3 4 5 6 7