Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE91259 Arkusz danych(PDF) 1 Page - Pasternack Enterprises, Inc.

Numer części PE91259
Szczegółowy opis  SMA Male to Reverse Polarity SMA Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91259 Arkusz danych(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91259 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91259 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91259 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
This adapter features a mechanically captivated contact for low RF leakage.
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
SMA Male Reverse Polarity
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 18 GHz
Maximum VSWR
1.2:1
Maximum Operating Voltage, Vrms
335
Dielectric Withstanding Voltage, Vrms
1,500
Minimum Insulation Resistance, mOhms
5,000
Mechanical Specifications
Size
Length, in [mm]
0.87 [22.1]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
QQ-P-35
Hex Size, Inch
5/16
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
PTFE
Connector 2
Type
SMA Male Reverse Polarity
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
QQ-P-35
Hex Size, Inch
5/16
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to Reverse Polarity SMA Male Adapter PE91259
PE91259
PE91259 REV 1.0
SMA Male to Reverse Polarity SMA Male Adapter


Podobny numer części - PE91259

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE9125 PASTERNACK-PE9125 Datasheet
253Kb / 3P
N Male to HN Female Adapter
PE91250 PASTERNACK-PE91250 Datasheet
357Kb / 3P
7 - 16 DIN Female to N Female Adapter IP67 UnMated
PE91251 PASTERNACK-PE91251 Datasheet
356Kb / 3P
7 - 16 DIN Female to N Male Adapter IP67 UnMated
PE91252 PASTERNACK-PE91252 Datasheet
363Kb / 3P
Bulkhead 7 - 16 DIN Female to N Female Adapter IP67 UnMated
PE91253 PASTERNACK-PE91253 Datasheet
359Kb / 3P
4.1 - 9.5 Mini DIN Male to N Male Adapter IP67 UnMated
More results

Podobny opis - PE91259

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE9590 PASTERNACK-PE9590 Datasheet
255Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Male Adapter
PE91261 PASTERNACK-PE91261 Datasheet
343Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Male Adapter
PE91266 PASTERNACK-PE91266 Datasheet
347Kb / 3P
QD Reverse Polarity SMA Male to SMA Male Adapter
PE91330 PASTERNACK-PE91330 Datasheet
599Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Male Adapter
PE91331 PASTERNACK-PE91331 Datasheet
600Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE34750LF-12 PASTERNACK-PE34750LF-12 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA Male
PE34750LF-18 PASTERNACK-PE34750LF-18 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA Male
PE34750LF-48 PASTERNACK-PE34750LF-48 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA Male
PE34750LF-60 PASTERNACK-PE34750LF-60 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA Male
PE34750LF-72 PASTERNACK-PE34750LF-72 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA Male
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com