Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASM706EPA Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części ASM706EPA
Szczegółowy opis  Low Power P Supervisor Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM706EPA Arkusz danych(HTML) 5 Page - ON Semiconductor

  ASM706EPA Datasheet HTML 1Page - ON Semiconductor ASM706EPA Datasheet HTML 2Page - ON Semiconductor ASM706EPA Datasheet HTML 3Page - ON Semiconductor ASM706EPA Datasheet HTML 4Page - ON Semiconductor ASM706EPA Datasheet HTML 5Page - ON Semiconductor ASM706EPA Datasheet HTML 6Page - ON Semiconductor ASM706EPA Datasheet HTML 7Page - ON Semiconductor ASM706EPA Datasheet HTML 8Page - ON Semiconductor ASM706EPA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ASM705, ASM706, ASM707, ASM708, ASM813L
http://onsemi.com
5
Table 3. ELECTRICAL CHARACTERISTICS
Unless otherwise noted, specifications are over the operating temperature range and VCC supply voltages are 2.7 V to 5.5 V
(ASM706P,ASM708R), 3.0 V to 5.5 V (ASM706/708S), 3.15 V to 5.5 V (ASM706/708T) and 4.1 V to 5.5 V (ASM706/708J).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating Voltage Range
VCC
ASM705/6/7/8C
1.2
5.5
V
ASM813L
1.1
5.5
ASM705/6/7/8E, ASM813E
1.2
5.5
Supply Current
ICC
ASM705/706C/813LC
75
140
mA
ASM705E/706E/813LE
75
140
ASM707C/708C
50
140
ASM707E/708E
50
140
RESET Threshold
VRT
ASM705/707/813L (Note 2)
4.50
4.65
4.75
V
ASM706/708 (Note 2)
4.25
4.40
4.50
RESET Threshold
Hysteresis
(Note 2)
40
mV
RESET Pulse Width
tRS
(Note 2)
140
200
280
ms
MR Pulse Width
tMR
0.15
ms
MR to RESET Out Delay
tMD
(Note 2)
0.25
ms
MR Input Threshold
VIH
2.0
V
VIL
0.8
MR Pullup current
MR = 0 V
100
250
600
mA
RESET Output Voltage
ISOURCE = 800 mA
VCC − 1.5
V
ISINK = 3.2 mA
0.4
ASM705/6/7/8, VCC = 1.2 V,
ISINK = 100 mA
0.3
RESET Output Voltage
ASM707/8/813L, ISOURCE = 800 mA
VCC − 1.5
V
ASM707/8, ISINK = 1.2 mA
0.4
ASM813L, ISINK = 3.2 mA
0.4
ASM813L, VCC = 1.2 V, ISOURCE = 4 mA
0.9
Watchdog Timeout Period
tWD
ASM705/6/813L
1.00
1.60
2.25
S
WDI Pulse Width
tWP
VIL = 0.4 V, VIH = 0.8 VCC
50
ns
WDI Input Threshold
VIH
ASM705/706/813L, VCC = 5 V
3.5
V
VIL
0.8
WDI Input Current
ASM705/6/813L, WDI = VCC
50
150
mA
ASM705/6/813L, WDI = 0 V
−150
−50
WDO Output Voltage
VOH
ASM705/6/813L, ISOURCE = 800 mA
VCC − 1.5
V
VOL
ASM705/6/813L, ISINK = 1.2 mA
0.4
PFI Input Threshold
VCC = 5 V
1.2
1.25
1.3
V
PFI Input Current
−25
0.01
25
nA
PFO Output Voltage
VOH
ISOURCE = 800 mA
VCC − 1.5
V
VOL
ISINK = 3.2 mA
0.4
2. RESET (ASM705/6/7/8), RESET(ASM707/8, ASM813L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com